Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 279 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 279 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 275Page - STMicroelectronics ST92F124 Datasheet HTML 276Page - STMicroelectronics ST92F124 Datasheet HTML 277Page - STMicroelectronics ST92F124 Datasheet HTML 278Page - STMicroelectronics ST92F124 Datasheet HTML 279Page - STMicroelectronics ST92F124 Datasheet HTML 280Page - STMicroelectronics ST92F124 Datasheet HTML 281Page - STMicroelectronics ST92F124 Datasheet HTML 282Page - STMicroelectronics ST92F124 Datasheet HTML 283Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 426 page
background image
279/426
I2C BUS INTERFACE
I2C BUS INTERFACE (Cont’d)
INTERRUPT VECTOR REGISTER (I2CIVR)
R249 - Read / Write
Register Page: 20 (I2C_0) or 22 (I2C_1)
Reset Value: Undefined
Bits 7:3 = V[7:3] Interrupt Vector Base Address.
User programmable interrupt vector bits. These
are the five more significant bits of the interrupt
vector base address. They must be set before en-
abling the interrupt features.
Bits 2:1 = EV[2:1] Encoded Interrupt Source.
These Read-Only bits are set by hardware accord-
ing to the interrupt source:
– 01: error condition detected
– 10: data received
– 11: peripheral ready to transmit
Bit 0 = Reserved.
Forced by hardware to 0.
RECEIVER DMA SOURCE ADDRESS POINTER
REGISTER (I2CRDAP)
R250 - Read / Write
Register Page: 20 (I2C_0) or 22 (I2C_1)
Reset Value: Undefined
Bits 7:1 = RA[7:1] Receiver DMA Address Pointer.
I2CRDAP contains the address of the pointer (in
the Register File) of the Receiver DMA data
source when the DMA is selected between the
peripheral and the Memory Space. Otherwise,
(DMA between peripheral and Register file), this
register has no meaning.
See Section 10.8.6.1 for more details on the use
of this register.
Bit 0 = RPS Receiver DMA Memory Pointer Selec-
tor.
If memory has been selected for DMA transfer
(I2CRDC.RF/MEM = 0) then:
0: Select ISR register for Receiver DMA transfer
address extension.
1: Select DMASR register for Receiver DMA trans-
fer address extension.
RECEIVER DMA TRANSACTION COUNTER
REGISTER (I2CRDC)
R251 - Read / Write
Register Page: 20 (I2C_0) or 22 (I2C_1)
Reset Value: Undefined
Bits 7:1 = RC[7:1] Receiver DMA Counter Pointer.
I2CRDC contains the address of the pointer (in the
Register File) of the DMA receiver transaction
counter when the DMA between Peripheral and
Memory Space is selected. Otherwise (DMA be-
tween Peripheral and Register File), this register
points to a pair of registers that are used as DMA
Address register and DMA Transaction Counter.
See Section 10.8.6.1 and Section 10.8.6.2
for
more details on the use of this register.
Bit 0 = RF/MEM Receiver Register File/ Memory
Selector.
0: DMA towards Memory
1: DMA towards Register file
70
V7
V6
V5
V4
V3
EV2
EV1
0
70
RA7 RA6 RA5 RA4 RA3 RA2 RA1
RPS
70
RC7 RC6 RC5 RC4 RC3 RC2 RC1 RF/MEM
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com