Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 293 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 293 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 289Page - STMicroelectronics ST92F124 Datasheet HTML 290Page - STMicroelectronics ST92F124 Datasheet HTML 291Page - STMicroelectronics ST92F124 Datasheet HTML 292Page - STMicroelectronics ST92F124 Datasheet HTML 293Page - STMicroelectronics ST92F124 Datasheet HTML 294Page - STMicroelectronics ST92F124 Datasheet HTML 295Page - STMicroelectronics ST92F124 Datasheet HTML 296Page - STMicroelectronics ST92F124 Datasheet HTML 297Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 426 page
background image
293/426
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
Received Message Filtering
The FREG[0:31] registers can be considered an
array of 256 bits (the FREG[0].0 bit is bit 0 of the
array and the FREG[31].7 bit is bit 255). The I.D.
byte of a message frame is used as a pointer to
the array (See Figure 137).
Upon the start of a frame, the first data byte re-
ceived after the SOF symbol determines the I.D. of
the message frame. This I.D. byte addresses the
I.D. byte flags stored in registers FREG[0:31]. This
operation is accomplished before the transfer of
the I.D. byte into the RXDATA register and before
the RDRF bit is set.
If the corresponding bit in the message filter array,
FREG[0:31], is set to zero (0), then the I.D. byte is
not transferred to the RXDATA register and the
RDRF bit is not set. Also, the remainder of the
message frame is ignored until reception of an
EOFmin symbol. A received EOFmin symbol ter-
minates the operation of the message filter and
enables the receiver for the next message. None
of the flags related to the receiver, other than
IDLE, are set. The EODM flag does not get set
during a filtered frame. No error flags other than
RBRK can get set.
If the corresponding bit in the message filter array,
FREG[0:31], is set to a one (1), then the I.D. byte
is transferred to the RXDATA register and the
RDRF is set. Also, the remainder of the message
is received unless sleep mode is invoked by the
user program. All receiver flags and interrupts
function normally.
Note that a break symbol received during a filtered
out message will still be received. Note also that
the filter comparison occurs after reception of the
first byte. So, any receive errors that occur before
the message filter comparison (i.e. IBD, IFD) will
be active at least until the filter comparison.
Transmitted Message Filtering
When transmitting a message, the corresponding
FREG[0:31] I.D. filter bit may be set or cleared. If
set, then the JBLPD will receive all data informa-
tion transferred during the frame, unless sleep
mode is invoked. Everything the JBLPD transmits
will be reflected in the RXDATA register.
Because the JBLPD has invalid bit detect (IBD),
invalid frame detect (IFD), transmitter lost arbitra-
tion (TRA), and Cyclic Redundancy Check Error
(CRCE) it is not necessary for the transmitter to lis-
ten to the bytes that it is transmitting. The user
may wish to filter out the transmitted messages
from the receiver. This can reduce interrupt bur-
den. When a transmitted I.D. byte is filtered by the
receiver section of the block, then RDRF, RDOF,
EODM flags are inhibited and no RXDATA trans-
fers occur. The other flags associated normally
with receiving - RBRK, CRCE, IFD, and IBD - are
not inhibited, and they can be used to ascertain
the condition of the message transmit.
Figure 137. I.D. Byte and Message Filter Array use
I.D. byte
value = n
Bit 0 = FREG[0].0
Bit 1 = FREG[0].1
Bit 2 = FREG[0].2
Bit 3 = FREG[0].3
Bit 4 = FREG[0].4
Bit n
Bit 254 = FREG[31].6
Bit 255 = FREG[31].7
Bit n+1
Bit n-1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com