Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 295 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 295 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 291Page - STMicroelectronics ST92F124 Datasheet HTML 292Page - STMicroelectronics ST92F124 Datasheet HTML 293Page - STMicroelectronics ST92F124 Datasheet HTML 294Page - STMicroelectronics ST92F124 Datasheet HTML 295Page - STMicroelectronics ST92F124 Datasheet HTML 296Page - STMicroelectronics ST92F124 Datasheet HTML 297Page - STMicroelectronics ST92F124 Datasheet HTML 298Page - STMicroelectronics ST92F124 Datasheet HTML 299Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 426 page
background image
295/426
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
Figure 138. Local Loopback structure
10.9.3.8 Peripheral clock management
To work correctly, the encoder and decoder sec-
tions of the peripheral need an internal clock at
1MHz. This clock is used to evaluate the protocol
symbols timings in transmission and in reception.
The prescaled clock is obtained by dividing the
MCU internal clock frequency. The CLKSEL regis-
ter allows the selection of the right prescaling fac-
tor. The six least significant bits of the register
(FREQ[5:0]) must be programmed with a value us-
ing the following formula:
MCU Internal Freq. = 1MHz * (FREQ[5:0] + 1).
Note: If the MCU internal clock frequency is lower
than 1MHz, the JBLPD is not able to work correct-
ly. If a frequency lower than 1MHz is used, the
user program must disable the JBLPD.
Note: When the MCU internal clock frequency or
the clock prescaler factor are changed, the JBLPD
could lose synchronization with the J1850 bus.
Passive state
VPWO from the
peripheral logic
VPWI toward the
J1850 decoder
Polarity
manager
OPTIONS.INPOL
OPTIONS.LOOPB
MCU VPWO
pin
MCU VPWI
pin
JBLPD peripheral
MCU
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com