Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 336 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 336 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 332Page - STMicroelectronics ST92F124 Datasheet HTML 333Page - STMicroelectronics ST92F124 Datasheet HTML 334Page - STMicroelectronics ST92F124 Datasheet HTML 335Page - STMicroelectronics ST92F124 Datasheet HTML 336Page - STMicroelectronics ST92F124 Datasheet HTML 337Page - STMicroelectronics ST92F124 Datasheet HTML 338Page - STMicroelectronics ST92F124 Datasheet HTML 339Page - STMicroelectronics ST92F124 Datasheet HTML 340Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 426 page
background image
336/426
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
10.10.5.5 Message Storage
The interface between the software and the hard-
ware for the CAN messages is implemented by
means of mailboxes. A mailbox contains all infor-
mation related to a message; identifier, data, con-
trol, status and time stamp information.
Transmit Mailbox
The software sets up the message to be transmit-
ted in an empty transmit mailbox. The status of the
transmission is indicated by hardware in the
MCSR register.
Transmit Mailbox Mapping
Receive Mailbox
When a message has been received, it is available
to the software in the FIFO output mailbox. Once
the software has handled the message (e.g. read
it) the software must release the FIFO output mail-
box by means of the RFOM bit in the CRFR regis-
ter to make the next incoming message available.
The filter match index is stored in the MFMI regis-
ter. The 16-bit time stamp value is stored in the
MTSR[0:1] registers.
Receive Mailbox Mapping
Offset to Transmit
Mailbox base ad-
dress (bytes)
Register Name
0MCSR
1
MDLC
2
MIDR0
3
MIDR1
4
MIDR2
5
MIDR3
6MDAR0
7MDAR1
8MDAR2
9MDAR3
10
MDAR4
11
MDAR5
12
MDAR6
13
MDAR7
14
MTSR0
15
MTSR1
Offset to Receive
Mailbox base ad-
dress (bytes)
Register Name
0MFMI
1MDLC
2
MIDR0
3
MIDR1
4
MIDR2
5
MIDR3
6
MDAR0
7
MDAR1
8
MDAR2
9
MDAR3
10
MDAR4
11
MDAR5
12
MDAR6
13
MDAR7
14
MTSR0
15
MTSR1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com