Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 338 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 338 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 334Page - STMicroelectronics ST92F124 Datasheet HTML 335Page - STMicroelectronics ST92F124 Datasheet HTML 336Page - STMicroelectronics ST92F124 Datasheet HTML 337Page - STMicroelectronics ST92F124 Datasheet HTML 338Page - STMicroelectronics ST92F124 Datasheet HTML 339Page - STMicroelectronics ST92F124 Datasheet HTML 340Page - STMicroelectronics ST92F124 Datasheet HTML 341Page - STMicroelectronics ST92F124 Datasheet HTML 342Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 426 page
background image
338/426
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
10.10.5.7 Bit Timing
The bit timing logic monitors the serial bus-line and
performs sampling and adjustment of the sample
point by synchronizing on the start-bit edge and re-
synchronizing on the following edges.
Its operation may be explained simply by splitting
nominal bit time into three segments as follows:
– Synchronization segment (SYNC_SEG): a bit
change is expected to occur within this time seg-
ment. It has a fixed length of one time quantum
(1 x tCAN).
– Bit segment 1 (BS1): defines the location of the
sample point. It includes the PROP_SEG and
PHASE_SEG1 of the CAN standard. Its duration
is programmable between 1 and 16 time quanta
but may be automatically lengthened to compen-
sate for positive phase drifts due to differences in
the frequency of the various nodes of the net-
work.
– Bit segment 2 (BS2): defines the location of the
transmit point. It represents the PHASE_SEG2
of the CAN standard. Its duration is programma-
ble between 1 and 8 time quanta but may also be
automatically shortened to compensate for neg-
ative phase drifts.
The resynchronization jump width (RJW) defines
an upper bound to the amount of lengthening or
shortening of the bit segments. It is programmable
between 1 and 4 time quanta.
A valid edge is defined as the first transition in a bit
time from dominant to recessive bus level provid-
ed the controller itself does not send a recessive
bit.
If a valid edge is detected in BS1 instead of
SYNC_SEG, BS1 is extended by up to RJW so
that the sample point is delayed.
Conversely, if a valid edge is detected in BS2 in-
stead of SYNC_SEG, BS2 is shortened by up to
RJW so that the transmit point is moved earlier.
As a safeguard against programming errors, the
configuration of the Bit Timing Register (BTR) is
only possible while the device is in STANDBY
mode.
Note: for a detailed description of the CAN bit tim-
ing and resynchronization mechanism, please re-
fer to the ISO 11898 standard.
Figure 152. Bit Timing
SYNC_SEG
BIT SEGMENT 1 (BS1)
BIT SEGMENT 2 (BS2)
NOMINAL BIT TIME
1 x tCAN
tBS1
tBS2
SAMPLE POINT
TRANSMIT POINT
NominalBitTime
1
t
CAN
×
t
BS1
t
BS2
++
=
with:
tBS1 = tCAN x (TS1[3:0] + 1) ,
tBS2 = tCAN x (TS2[2:0] + 1),
tCAN = tCPU x BRP,
tCPU = time period of the CPU clock,
BRP = BRP[5:0] + 1 = Baud Rate Prescaler
BRP[5:0] is defined in the CBTR0 Register,
TS1[3:0] and TS2[2:0] are defined in the CBTR1 Register.
B
audRate
1
NominalBitTime
-------------------------------------------------
=
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com