Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 346 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 346 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 342Page - STMicroelectronics ST92F124 Datasheet HTML 343Page - STMicroelectronics ST92F124 Datasheet HTML 344Page - STMicroelectronics ST92F124 Datasheet HTML 345Page - STMicroelectronics ST92F124 Datasheet HTML 346Page - STMicroelectronics ST92F124 Datasheet HTML 347Page - STMicroelectronics ST92F124 Datasheet HTML 348Page - STMicroelectronics ST92F124 Datasheet HTML 349Page - STMicroelectronics ST92F124 Datasheet HTML 350Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 426 page
background image
346/426
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
CAN ERROR STATUS REGISTER (CESR)
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7 = Reserved. Forced to 0 by hardware.
Bit 6:4 = LEC[2:0] Last Error Code
- Read/Set/Clear
This field holds a code which indicates the type of
the last error detected on the CAN bus. If a mes-
sage has been transferred (reception or transmis-
sion) without error, this field will be cleared to ‘0’.
The code 7 is unused and may be written by the
CPU to check for update
Table 63. LEC Error Types
Bit 3 = Reserved. Forced to 0 by hardware.
Bit 2 = BOFF Bus-Off Flag
- Read
This bit is set by hardware when it enters the bus-
off state. The bus-off state is entered on TECR
overrun, TEC greater than 255, refer to Section
10.10.5.6 on page 337.
Bit 1 = EPVF Error Passive Flag
- Read
This bit is set by hardware when the Error Passive
limit has been reached (Receive Error Counter or
Transmit Error Counter greater than 127).
Bit 1 = EWGF Error Warning Flag
- Read
This bit is set by hardware when the warning limit
has been reached. Receive Error Counter or
Transmit Error Counter greater than 96.
CAN ERROR INTERRUPT ENABLE REGISTER
(CEIER)
All bits of this register are set and clear by soft-
ware.
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = ERRIE Error Interrupt Enable
0: No interrupt will be generated when an error
condition is pending in the CESR.
1: An interrupt will be generated when an error
condition is pending in the CESR.
Bit 6:5 = Reserved. Forced to 0 by hardware.
Bit 4 = LECIE Last Error Code Interrupt Enable
0: ERRI bit will not be set when the error code in
LEC[2:0] is set by hardware on error detection.
1: ERRI bit will be set when the error code in
LEC[2:0] is set by hardware on error detection.
Bit 3 = Reserved. Forced to 0 by hardware.
Bit 2 = BOFIE Bus-Off Interrupt Enable
0: ERRI bit will not be set when BOFF is set.
1: ERRI bit will be set when BOFF is set.
Bit 1 = EPVIE Error Passive Interrupt Enable
0: ERRI bit will not be set when EPVF is set.
1: ERRI bit will be set when EPVF is set.
Bit 0 = EWGIE Error Warning Interrupt Enable
0: ERRI bit will not be set when EWGF is set.
1: ERRI bit will be set when EWGF is set.
Note: refer to Standard Interrupts Section.
70
0
LEC2
LEC1
LEC0
0
BOFF
EPVF EWGF
Code
Error Type
0No Error
1
Stuff Error
2Form Error
3
Acknowledgment Error
4
Bit recessive Error
5
Bit dominant Error
6
CRC Error
7
Set by software
70
ERRIE
0
0
LECIE
0
BOFIE EPVIE EWGIE
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com