Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 347 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 347 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 343Page - STMicroelectronics ST92F124 Datasheet HTML 344Page - STMicroelectronics ST92F124 Datasheet HTML 345Page - STMicroelectronics ST92F124 Datasheet HTML 346Page - STMicroelectronics ST92F124 Datasheet HTML 347Page - STMicroelectronics ST92F124 Datasheet HTML 348Page - STMicroelectronics ST92F124 Datasheet HTML 349Page - STMicroelectronics ST92F124 Datasheet HTML 350Page - STMicroelectronics ST92F124 Datasheet HTML 351Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 426 page
background image
347/426
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
TRANSMIT ERROR COUNTER REG. (TECR)
Read Only
Reset Value: 00h
TEC[7:0] is the least significant byte of the 9-bit
Transmit Error Counter implementing part of the
fault confinement mechanism of the CAN protocol.
RECEIVE ERROR COUNTER REG. (RECR)
Page: 00h — Read Only
Reset Value: 00h
REC[7:0] is the Receive Error Counter implement-
ing part of the fault confinement mechanism of the
CAN protocol. In case of an error during reception,
this counter is incremented by 1 or by 8 depending
on the error condition as defined by the CAN stand-
ard. After every successful reception the counter is
decremented by 1 or reset to 120 if its value was
higher than 128. When the counter value exceeds
127, the CAN controller enters the error passive
state.
CAN DIAGNOSIS REGISTER (CDGR)
All bits of this register are set and clear by soft-
ware.
Read / Write
Reset Value: 0000 0000 (00h)
Bit 3 = RX CAN Rx Signal
- Read
Monitors the actual value of the CAN_RX Pin.
Bit 2 = SAMP Last Sample Point
- Read
The value of the last sample point.
Bit 1 = SILM Silent Mode
- Read/Set/Clear
0: Normal operation
1: Silent Mode
Bit 0 = LBKM Loop Back Mode
- Read/Set/Clear
0: Loop Back Mode disabled
1: Loop Back Mode enabled
70
TEC7
TEC6
TEC5
TEC4
TEC3
TEC2
TEC1
TEC0
70
REC7
REC6
REC5
REC4
REC3
REC2
REC1
REC0
70
0
0
0
0
RX
SAMP
SILM
LBKM
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com