Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 371 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 371 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 367Page - STMicroelectronics ST92F124 Datasheet HTML 368Page - STMicroelectronics ST92F124 Datasheet HTML 369Page - STMicroelectronics ST92F124 Datasheet HTML 370Page - STMicroelectronics ST92F124 Datasheet HTML 371Page - STMicroelectronics ST92F124 Datasheet HTML 372Page - STMicroelectronics ST92F124 Datasheet HTML 373Page - STMicroelectronics ST92F124 Datasheet HTML 374Page - STMicroelectronics ST92F124 Datasheet HTML 375Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 426 page
background image
371/426
10-BIT ANALOG TO DIGITAL CONVERTER (ADC)
REGISTER DESCRIPTION (Cont’d)
CONTROL LOGIC REGISTER 1 (CLR1)
R252 - Read/Write
Register Page: 63
Reset Value: 0000 1111 (0Fh)
Bits 7:4 = SC[3:0]: Start Conversion Channel
These four bits define the starting analog input
channel (Autoscan Mode). The first channel ad-
dressed by SC[3:0] is converted, then the channel
number is incremented for the successive conver-
sion, until channel 15 (1111) is converted. When
SC3, SC2, SC1 and SC0 are all set, only channel
15 will be converted.
Bits 3:0 = CC[3:0]: Compare Channels
The programmed value corresponds to the first of
the two adjacent channels (A) on which it is possi-
ble to define a level window for the converted ana-
log input (see Table 68).
Note: If a write access to this register occurs, the
conversion is re-started from the SC[3:0] channel.
CONTROL LOGIC REGISTER 2 (CLR2)
R253 - Read/Write
Register Page: 63
Reset Value: 1010 0000 (A0h)
Bits 7:5 = PR[2:0]: INTCLK Frequency Prescaler
These bits determine the ratio between the ADC
clock and the system clock (INTCLK) according to
Table 69.
70
SC3
SC2
SC1
SC0
CC3
CC2
CC1
CC0
Table 68. Compare Channels definition
CC[3:0]
Channel A
Channel B
0000
15
0
0001
0
1
0010
1
2
0011
2
3
0100
3
4
0101
4
5
0110
5
6
0111
6
7
1000
7
8
1001
8
9
1010
9
10
1011
10
11
1100
11
12
1101
12
13
1110
13
14
1111
14
15
70
PR2
PR1
PR0 EXTG INTG POW CONT
ST
Table 68. Compare Channels definition
CC[3:0]
Channel A
Channel B
Table 69. Prescaler programming
PR[2:0]
TA/D clock/
TINTCLK
fADC
(MHz)
TSample
(µs)
TConv
(µs)
fADC
(MHz)
TSample
(µs)
TConv
(µs)
fADC
(MHz)
TSample
(µs)
TConv
(µs)
@TINTCLK= 8MHz
@TINTCLK= 20MHz
@TINTCLK=24MHz
000
2
4.00
2
7
10.00
Not Allowed
12.00
Not Allowed
001
4
2.00
4
14
5.00
Not Allowed
6.00
Not Allowed
010
6
1.33
6
21
3.33
2.4
8.4
4.00
2
7
011
8
1.00
8
28
2.50
3.2
11.2
3.00
2.66
9.33
100
10
0.80
Not Allowed
2.00
4
14
2.40
3.33
11.66
101
12
0.66
Not Allowed
1.66
4.8
16.8
2.00
4
14
110
14
0.57
Not Allowed
1.43
5.6
19.6
1.71
4.66
16.33
111
16
0.50
Not Allowed
1.25
6.4
22.4
1.50
5.33
18.66
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com