Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 374 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 374 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 370Page - STMicroelectronics ST92F124 Datasheet HTML 371Page - STMicroelectronics ST92F124 Datasheet HTML 372Page - STMicroelectronics ST92F124 Datasheet HTML 373Page - STMicroelectronics ST92F124 Datasheet HTML 374Page - STMicroelectronics ST92F124 Datasheet HTML 375Page - STMicroelectronics ST92F124 Datasheet HTML 376Page - STMicroelectronics ST92F124 Datasheet HTML 377Page - STMicroelectronics ST92F124 Datasheet HTML 378Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 426 page
background image
374/426
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
11 ELECTRICAL CHARACTERISTICS
This product contains devices to protect the inputs
against damage due to high static voltages, how-
ever it is advisable to take normal precautions to
avoid application of any voltage higher than the
specified maximum rated voltages.
For proper operation it is recommended that VIN
and VO be higher than VSS and lower than VDD.
Reliability is enhanced if unused inputs are con-
nected to an appropriate logic voltage level (VDD
or VSS).
Power Considerations. The average chip-junc-
tion temperature, TJ, in Celsius can be obtained
from:
TJ =TA + PD x RthJA
Where: TA =
Ambient Temperature.
RthJA = Package thermal resistance
(junction-to ambient).
PD =
PINT + PPORT.
PINT =IDD x VDD (chip internal power).
PPORT = Port power dissipation
(determined by the user)
ABSOLUTE MAXIMUM RATINGS
Notes:
Stresses above those listed as “absolute maximum ratings“ may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect
device reliability. All voltages are referenced to VSS = 0 V.
Note 1: Pin injection current occurs when the voltage on any pin exceeds the specified range.
Note 2: Value guaranteed by design.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
– 0.3 to 6.5
V
AVDD
ADC Reference Voltage
VSS to VDD + 0.3
V
AVSS
ADC Ground
VSS
VIN
Input Voltage (all pins except pure open drain I/O pins)
– 0.3 to VDD + 0.3
V
VINOD
Input Voltage (pure open drain I/O pins)
– 0.3 to 6.5
V
VAIN
Analog Input Voltage (ADC inputs)
-0.3 to AVDD + 0.3
V
TSTG
Storage Temperature
– 55 to +150
°C
⎥I
IO⎥
Load Current
10 (2)
mA
⎥I
INJ⎥
Pin Injection Current - Digital and Analog Inputs (1)
10 (2)
mA
⎥I
TINJ⎥
Absolute sum of all Pin Injection Current in the device
100 (2)
mA
Symbol
Package
Value
Unit
RthJA
TQFP64
PQFP100
TQFP100
47
28
44
°C/W
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com