Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 381 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 381 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 377Page - STMicroelectronics ST92F124 Datasheet HTML 378Page - STMicroelectronics ST92F124 Datasheet HTML 379Page - STMicroelectronics ST92F124 Datasheet HTML 380Page - STMicroelectronics ST92F124 Datasheet HTML 381Page - STMicroelectronics ST92F124 Datasheet HTML 382Page - STMicroelectronics ST92F124 Datasheet HTML 383Page - STMicroelectronics ST92F124 Datasheet HTML 384Page - STMicroelectronics ST92F124 Datasheet HTML 385Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 426 page
background image
381/426
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
EMC CHARACTERISTICS
Susceptibility tests are performed on a sample ba-
sis during product characterization.
Functional EMS (Electro Magnetic Susceptibil-
ity)
Based on a simple application running on the
product, the product is stressed by two electro
magnetic events until a failure occurs.
■ ESD: Electro-Static Discharge (positive and
negative) is applied on all pins of the device until
a functional disturbance occurs. This test
conforms with the IEC 1000-4-2 standard.
■ FTB: A Burst of Fast Transient voltage (positive
and negative) is applied to VDD and VSS through
a 100pF capacitor, until a functional disturbance
occurs. This test conforms with the IEC 1000-4-
4 standard.
A device reset allows normal operations to be re-
sumed.
Designing hardened software to avoid noise
problems
EMC characterization and optimization are per-
formed at component level with a typical applica-
tion environment and simplified MCU software. It
should be noted that good EMC performance is
highly dependent on the user application and the
software in particular.
Therefore it is recommended that the user applies
EMC software optimization and prequalification
tests in relation with the EMC level requested for
his application.
Software recommendations:
The software flowchart must include the manage-
ment of runaway conditions such as:
– Corrupted program counter
– Unexpected reset
– Critical Data corruption (control registers...)
Prequalification trials:
Most of the common failures (unexpected reset
and program counter corruption) can be repro-
duced by manually forcing a low state on the RE-
SET pin or the Oscillator pins for 1 second.
To complete these trials, ESD stress can be ap-
plied directly on the device, over the range of
specification values. When unexpected behaviour
is detected, the software can be improved to pre-
vent unrecoverable errors occurring (see applica-
tion note AN1015).
Electro Magnetic Interference (EMI)
Based on a simple application running on the
product, the product is monitored in terms of emis-
sion. This emission test is in line with the norm
SAE J 1752/3 which specifies the board and the
loading of each pin.
Notes:
1. Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Level
Unit
VFESD
Voltage limits to be applied on any I/O pin to induce a
functional disturbance
VDD=5V, TA=+25°C, fOSC=4MHz
conforms to IEC 1000-4-2
>1.5
kV
VFFTB
Fast transient voltage burst limits to be applied
through 100pF on VDD and VDD pins to induce a func-
tional disturbance
VDD=5V, TA=+25°C, fOSC=8MHz
conforms to IEC 1000-4-4
>1.5
kV
Symbol
Parameter
Conditions
Monitored
Frequency Band
Max vs.
[fOSC/fCPU]
Unit
4/10MHz
SEMI
Peak level
VDD=5V, TA=+25°C,
PQFP100 14x20 package
conforming to SAE J 1752/3
0.1MHz to 30MHz
13
dB
µV
30MHz to 130MHz
25
130MHz to 1GHz
24
SAE EMI Level
3.5
-
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com