Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 385 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 385 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 381Page - STMicroelectronics ST92F124 Datasheet HTML 382Page - STMicroelectronics ST92F124 Datasheet HTML 383Page - STMicroelectronics ST92F124 Datasheet HTML 384Page - STMicroelectronics ST92F124 Datasheet HTML 385Page - STMicroelectronics ST92F124 Datasheet HTML 386Page - STMicroelectronics ST92F124 Datasheet HTML 387Page - STMicroelectronics ST92F124 Datasheet HTML 388Page - STMicroelectronics ST92F124 Datasheet HTML 389Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 426 page
background image
385/426
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
PLL CHARACTERISTICS
(VDD = 5 V ± 10%, TA = –40° C to +125° C, fINTCLK = 24 MHz, unless otherwise specified)
Note:
(1) Unless otherwise stated, typical data are based on TA= 25°C and VDD= 5V. They are only reported for design guide lines not tested in
production.
(2) Value guaranteed by design.
Legend: Tosc = Crystal Oscilllator Clock (CLOCK1) period.
Symbol
Parameter
Value
Unit
Min
Typ (1)
Max
FXTL
Crystal Reference Frequency
3
5
MHz
FVCO
VCO Operating Frequency
6
24
MHz
TPLK
Lock-in Time
350 (2)
1000 (2)
Tosc
PLL Jitter
0
1200 (2)
ps
PLL Jitter Impact on applicative
500kHz signal (CAN, SCI, TIMERS)
0.2 (2)
%
FPLLFREE
PLL free running mode Frequency
10 (2)
50
250 (2)
kHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com