Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 389 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 389 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 385Page - STMicroelectronics ST92F124 Datasheet HTML 386Page - STMicroelectronics ST92F124 Datasheet HTML 387Page - STMicroelectronics ST92F124 Datasheet HTML 388Page - STMicroelectronics ST92F124 Datasheet HTML 389Page - STMicroelectronics ST92F124 Datasheet HTML 390Page - STMicroelectronics ST92F124 Datasheet HTML 391Page - STMicroelectronics ST92F124 Datasheet HTML 392Page - STMicroelectronics ST92F124 Datasheet HTML 393Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 426 page
background image
389/426
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
WATCHDOG TIMING TABLE
(VDD = 5V ± 10%, TA = –40°C to +125°C, CLoad = 50pF, fINTCLK = 24MHz, Push-pull output configuration,
unless otherwise specified)
Note: The value in the left hand column shows the formula used to calculate the timing minimum or maximum from the oscillator clock period,
watchdog prescaler and counter programmed values.
The value in the right hand two columns show the timing minimum and maximum for an internal clock (INTCLK) at 24MHz, with minimum and
maximum prescaler value and minimum and maximum counter value.
Measurement points are VOH or VIH for positive pulses and VOL or VIL for negative pulses.
Legend:
Tck = INTCLK period = Crystal Oscillator Clock period when CLOCK1 is not divided by 2;
2 x Crystal Oscillator Clock period when CLOCK1 is divided by 2;
Crystal Oscillator Clock period x PLL factor when the PLL is enabled.
Psc = Watchdog Prescaler Register content (WDTPR): from 0 to 255
Cnt = Watchdog Couter Registers content (WDTRH,WDTRL): from 0 to 65535
TWDIN = Watchdog Input signal period (WDIN), TWDIN ≥ 8 x Tck
WATCHDOG TIMING
N°
Symbol
Parameter
Value
Unit
Formula
Min
Max
1
TwWDOL
WDOUT Low Pulse Width
4 x (Psc+1) x (Cnt+1) x Tck
167
2.8
ns
s
(Psc+1) x (Cnt+1) x TWDIN
333
ns
2
TwWDOH
WDOUT High Pulse Width
4 x (Psc+1) x (Cnt+1) x Tck
167
2.8
ns
s
(Psc+1) x (Cnt+1) x TWDIN
333
ns
3
TwWDIL
WDIN High Pulse Width
≥ 4 x Tck
167
ns
4
TwWDIH
WDIN Low Pulse Width
≥ 4 x Tck
167
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com