Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 391 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 391 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 387Page - STMicroelectronics ST92F124 Datasheet HTML 388Page - STMicroelectronics ST92F124 Datasheet HTML 389Page - STMicroelectronics ST92F124 Datasheet HTML 390Page - STMicroelectronics ST92F124 Datasheet HTML 391Page - STMicroelectronics ST92F124 Datasheet HTML 392Page - STMicroelectronics ST92F124 Datasheet HTML 393Page - STMicroelectronics ST92F124 Datasheet HTML 394Page - STMicroelectronics ST92F124 Datasheet HTML 395Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 426 page
background image
391/426
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
EXTENDED FUNCTION TIMER EXTERNAL TIMING TABLE
(VDD = 5V ± 10%, TA = –40°C to +125°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note: The value in the left hand column shows the formula used to calculate the timing minimum or maximum from the oscillator clock period,
standard timer prescaler and counter programmed values.
The value in the right hand two columns show the timing minimum and maximum for an internal clock (INTCLK) at 24MHz, and minimum
prescaler factor (=2).
Measurement points are VIH for positive pulses and VIL for negative pulses.
Legend:
Tck = INTCLK period = Crystal Oscillator Clock period when CLOCK1 is not divided by 2;
2 x Crystal Oscillator Clock period when CLOCK1 is divided by 2;
Crystal Oscillator Clock period x PLL factor when the PLL is enabled.
Prsc = Precsaler factor defined by Extended Function Timer Clock Control bits (CC1,CC0) on control register CR2 (values: 2,4,8).
EXTENDED FUNCTION TIMER EXTERNAL TIMING
N°
Symbol
Parameter
Value
Unit
Formula
Min
1TwPEWL
External Clock low pulse width (EXTCLK)
≥ 2 x Tck + 10
52
ns
2TwPEWH
External Clock high pulse width (EXTCLK)
≥ 2 x Tck + 10
52
ns
3TwPIWL
Input Capture low pulse width (ICAPx)
≥ 2 x Tck + 10
52
ns
4TwPIWH
Input Capture high pulse width (ICAPx)
≥ 2 x Tck + 10
52
ns
5TwECKD
Distance between two active edges on EXTCLK
≥ 4 x Tck + 10
177
ns
6TwEICD
Distance between two active edges on ICAPx
≥ 2 x Tck x Prsc +10
177
ns
1
2
5
EXTCLK
34
6
ICAPA
ICAPB
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com