Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 390 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 390 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 386Page - STMicroelectronics ST92F124 Datasheet HTML 387Page - STMicroelectronics ST92F124 Datasheet HTML 388Page - STMicroelectronics ST92F124 Datasheet HTML 389Page - STMicroelectronics ST92F124 Datasheet HTML 390Page - STMicroelectronics ST92F124 Datasheet HTML 391Page - STMicroelectronics ST92F124 Datasheet HTML 392Page - STMicroelectronics ST92F124 Datasheet HTML 393Page - STMicroelectronics ST92F124 Datasheet HTML 394Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 426 page
background image
390/426
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
STANDARD TIMER TIMING TABLE
(VDD = 5V ± 10%, TA = –40°C to +125°C, CLoad = 50pF, fINTCLK = 24MHz, Push-pull output configuration,
unless otherwise specified)
Note: The value in the left hand column shows the formula used to calculate the timing minimum or maximum from the oscillator clock period,
standard timer prescaler and counter programmed values.
The value in the right hand two columns show the timing minimum and maximum for an internal clock (INTCLK) at 24MHz, with minimum and
maximum prescaler value and minimum and maximum counter value.
Measurement points are VOH or VIH for positive pulses and VOL or VIL for negative pulses.
(1) On this product STIN is not available as Alternate Function but it is internally connected to a precise clock source directly derived from the
crystal oscillator. Refer to RCCU chapter for details about clock distribution.
Legend:
Tck = INTCLK period = Crystal Oscillator Clock period when CLOCK1 is not divided by 2;
2 x Crystal Oscillator Clock period when CLOCK1 is divided by 2;
Crystal Oscillator Clock period x PLL factor when the PLL is enabled.
Psc = Standard Timer Prescaler Register content (STP): from 0 to 255
Cnt = Standard Timer Counter Registers content (STH,STL): from 0 to 65535
TSTIN = Standard Timer Input signal period (STIN) , TSTIN ≥ 8 x Tck
STANDARD TIMER TIMING
N°
Symbol
Parameter
Value
Unit
Formula
Min
Max
1
TwSTOL
STOUT Low Pulse Width
4 x (Psc+1) x (Cnt+1) x Tck
167
2.8
ns
s
(Psc+1) x (Cnt+1) x TSTIN
(1)
(1)
ns
2
TwSTOH
STOUT High Pulse Width
4 x (Psc+1) x (Cnt+1) x Tck
167
2.8
ns
s
(Psc+1) x (Cnt+1) x TSTIN
(1)
(1)
ns
3
TwSTIL
STIN High Pulse Width
≥ 4 x Tck
(1)
(1)
ns
4
TwSTIH
STIN Low Pulse Width
≥ 4 x Tck
(1)
(1)
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com