Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 393 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 393 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 389Page - STMicroelectronics ST92F124 Datasheet HTML 390Page - STMicroelectronics ST92F124 Datasheet HTML 391Page - STMicroelectronics ST92F124 Datasheet HTML 392Page - STMicroelectronics ST92F124 Datasheet HTML 393Page - STMicroelectronics ST92F124 Datasheet HTML 394Page - STMicroelectronics ST92F124 Datasheet HTML 395Page - STMicroelectronics ST92F124 Datasheet HTML 396Page - STMicroelectronics ST92F124 Datasheet HTML 397Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 426 page
background image
393/426
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
SCI-M TIMING TABLE
(VDD = 5V ± 10%, TA = –40°C to +125°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Legend:
Tck = INTCLK period = Crystal Oscillator Clock period when CLOCK1 is not divided by 2;
2 x Crystal Oscillator Clock period when CLOCK1 is divided by 2;
Crystal Oscillator Clock period x PLL factor when the PLL is enabled.
Note 1: Values guaranteed by product characterization, not tested in production.
SCI TIMING
N
°
Symbol
Parameter
Condition
Value (1)
Unit
Min
Max
FRxCKIN
Frequency of RxCKIN
1x mode
fINTCLK / 8
MHz
16x mode
fINTCLK / 4
MHz
TwRxCKIN
RxCKIN shortest pulse
1x mode
4 x Tck
s
16x mode
2 x Tck
s
FTxCKIN
Frequency of TxCKIN
1x mode
fINTCLK / 8
MHz
16x mode
fINTCLK / 4
MHz
TwTxCKIN
TxCKIN shortest pulse
1x mode
4 x Tck
s
16x mode
2 x Tck
s
1TsDS
DS (Data Stable) before
rising edge of RxCKIN
1x mode reception with RxCKIN
Tck / 2
ns
2TdD1
TxCKIN to Data out
delay Time
1x mode transmission with external
clock CLoad < 50pF
2.5 x Tck
ns
3TdD2
CLKOUT to Data out
delay Time
1x mode transmission with CLKOUT
350
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com