Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 414 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 414 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 410Page - STMicroelectronics ST92F124 Datasheet HTML 411Page - STMicroelectronics ST92F124 Datasheet HTML 412Page - STMicroelectronics ST92F124 Datasheet HTML 413Page - STMicroelectronics ST92F124 Datasheet HTML 414Page - STMicroelectronics ST92F124 Datasheet HTML 415Page - STMicroelectronics ST92F124 Datasheet HTML 416Page - STMicroelectronics ST92F124 Datasheet HTML 417Page - STMicroelectronics ST92F124 Datasheet HTML 418Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 426 page
background image
414/426
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
Workaround 1
The workaround is to replace any occurrence of
:
by
:
x=0 for the CAN_0 cell
x=1 for the CAN_1 cell
y=0 for the Receive FIFO 0
y=1 for the Receive FIFO 1
Explanation of Workaround 1
First, we need to make sure no interrupt can occur
between the test and the release of the FIFO to
avoid any added delay.
The workaround checks if the first 2 FIFO levels
are already full (FMP = 2) as the problem happens
only in this case.
If FMP
≠2 we release the FIFO immediately, if
FMP=2, we monitor the reception status of the
cell.
The reception status is available in the CMSR reg-
ister bit 5 (REC bit).
Note: The REC bit was called RX in olders ver-
sions of the datasheet.
If the cell is not receiving, then REC bit in CMSR is
at 0, the software can release the FIFO immedi-
ately: there is no risk.
If the cell is receiving, it is important to make sure
the release of the mailbox will not happen at the
time when the received message is loaded into the
FIFO.
We could simply wait for the end of the reception,
but this could take a long time (200µs for a 100-bit
frame at 500kHz), so we also monitor the Rx pin of
the microcontroller to minimize the time the appli-
cation may wait in the while loop.
We know the critical window is located at the end
of the frame, 6+ CAN bit times after the acknowl-
edge bit (exactly six full bit times plus the time from
the beginning of the bit to the sample point). Those
bits represent the acknowledge delimiter + the end
of frame slot.
We know also that those 6+ bits are in recessive
state on the bus, therefore if the CAN Rx pin of the
device is at ‘0’, (reflecting a CAN dominant state
on the bus), this is early enough to be sure we can
release the FIFO before the critical time slot.
Therefore, if the device hardware pin Rx is at 0
and there is a reception on going, its message will
be transferred to the FIFO only 6+ CAN bit times
later at the earliest (if the dominant bit is the ac-
knowledge) or later if the dominant bit is part of the
message.
spp (CANx_CTRL_PG);
CANx_CTRL_CRFRy |= CRFR_rfom;
spp(CANx_CTRL_PG);
if ((CANx_CTRL_CRFRy & 0x03) == 0x02)
while (( CANx_CTRL_CMSRy & 0x20) && (CANx_CTRL_CDGRy & 0x08));
CANx_CTRL_CRFRy |= CRFR_rfom;
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com