Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 418 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 418 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 414Page - STMicroelectronics ST92F124 Datasheet HTML 415Page - STMicroelectronics ST92F124 Datasheet HTML 416Page - STMicroelectronics ST92F124 Datasheet HTML 417Page - STMicroelectronics ST92F124 Datasheet HTML 418Page - STMicroelectronics ST92F124 Datasheet HTML 419Page - STMicroelectronics ST92F124 Datasheet HTML 420Page - STMicroelectronics ST92F124 Datasheet HTML 421Page - STMicroelectronics ST92F124 Datasheet HTML 422Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 426 page
background image
418/426
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
13.2 ST92F150-EMU2 EMULATION CHIP KNOWN LIMITATIONS
Additional limitations exist on Emulation chips (EMU2 emulator). These limitations correspond to those
present in AxxxxxxxxY trace codes (ST92F150). They are listed in the following table.
13.2.1 P1 I/O PORT CHARACTERISTICS
During reset, 5 I/Os of Port P1 are in High Imped-
ance state (Hi-Z), which corresponds to the da-
tasheet specification, however, contrary to the da-
tasheet specification, they get a Weak Pull Up
after the delay of 20400 clock periods (tRSPH) fol-
lowing a reset (external reset signal low). Refer to
Table 75.
These I/Os behave in the same way following an
external, watchdog or software reset.
13.2.2
RESET
BEHAVIOUR
FOR
BI-
DIRECTIONAL, WEAK PULL-UP PORTS
This section applies to ports P4[1], P8[7:2] and
P9[7:0].
Table 75. Reset Behaviour Table
Shaded areas represent erroneous operations.
During the reset phase (external reset signal low)
and the delay of 20400 clock periods (tRSPH) fol-
lowing a reset, these ports are in High Impedance
state, while according to the datasheet they should
have weak pull-ups. These ports then enter Weak
Pull-up state until the user overwrites the reset
values of I/O Port Control Registers PxC0, PxC1
and PxC2.
Section
Limitation (AxxxxxxxxY trace code)
Section 13.2.1
P1 I/O PORT CHARACTERISTICS
Section 13.2.2
RESET BEHAVIOUR FOR BI-DIRECTIONAL, WEAK PULL-UP PORTS
Section 13.2.3
HIGH DRIVE I/Os WHEN BSZ=1
Section 13.2.4
ADC PARASITIC DIODE
Section 13.2.5
ADC ACCURACY VS. NEGATIVE INJECTION CURRENT
Section 13.2.6
I2CECCR REGISTER LIMITATION
Section 13.2.7
I2C BEHAVIOUR DISTURBED DURING DMA TRANSACTIONS
Section 13.2.8
MFT DMA MASK BIT RESET
Section 13.2.9
DMA DATA CORRUPTED BY MFT INPUT CAPTURE
Section 13.2.10
SCI-A WRONG BREAK DURATION
Section 13.2.11
LIN MASTER MODE NOT AVAILABLE ON SCI-A
Section 13.2.12
LIMITATIONS ON TQFP64 PACKAGES
Port
Datasheet
Condition
Rev Z Behaviour
Port Behaviour
Control Register Value
While RESET
is low
During next
20K Clock
Cycles
After these
20K Clock
Cycles
PxC0
PxC1
PxC2
P1[7:3]
Bi-Dir
Hi-Z
Hi-Z
Bi-Dir + WPU
0
0
0
P4.1
Bi-Dir + WPU
Hi-Z
Hi-Z
Bi-Dir + WPU
0
0
0
P8[7:2]
Bi-Dir + WPU
Hi-Z
Hi-Z
Bi-Dir + WPU
0
0
0
P9[7:0]
Bi-Dir + WPU
Hi-Z
Hi-Z
Bi-Dir + WPU
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com