Electronic Components Datasheet Search
  English  ▼

X  

VBD10 Datasheet(PDF) 1 Page - CUI INC

Part # VBD10
Description  DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBD10 Datasheet(HTML) 1 Page - CUI INC

  VBD10 Datasheet HTML 1Page - CUI INC VBD10 Datasheet HTML 2Page - CUI INC VBD10 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/ 3
Rev. 06-2006
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
VBD10 Series DC-DC Converters
Features
·10W Isolated Output
·Efficiency to 82%
·2:1 Input Range
·Pi Input Filter
·Continuous short circuit protection
·Meets EN55022 Class A conducted
Model
Input
Output
Output Current
Input Current
Number
Voltage
Voltage
Min.
Max.
No Load
Full Load
Efficiency
VBD10-D12-S5
9-18VDC
5VDC
100mA
2000mA
30mA
1100mA
76%
VBD10-D12-S12
9-18VDC
12VDC
45mA
830mA
30mA
1065mA
78%
VBD10-D12-S15
9-18VDC
15VDC
35mA
666mA
30mA
1065mA
78%
VBD10-D12-D12
9-18VDC
±12VDC
±25mA
±415mA
40mA
1065mA
78%
VBD10-D12-D15
9-18VDC
±15VDC
±20mA
±333mA
40mA
1065mA
78%
VBD10-D12-D5
9-18VDC
±5VDC
±50mA
±1000mA
40mA
1065mA
78%
VBD10-D24-S5
18-36VDC
5VDC
100mA
2000mA
20mA
535mA
78%
VBD10-D24-S12
18-36VDC
12VDC
45mA
830mA
20mA
520mA
80%
VBD10-D24-S15
18-36VDC
15VDC
35mA
666mA
20mA
520mA
80%
VBD10-D24-D12
18-36VDC
±12VDC
±25mA
±415mA
20mA
520mA
80%
VBD10-D24-D15
18-36VDC
±15VDC
±20mA
±333mA
20mA
520mA
80%
VBD10-D24-D5
18-36VDC
±5VDC
±50mA
±1000mA
20mA
520mA
80%
VBD10-D48-S5
36-72VDC
5VDC
100mA
2000mA
10mA
260mA
80%
VBD10-D48-S12
36-72VDC
12VDC
45mA
830mA
10mA
254mA
82%
VBD10-D48-S15
36-72VDC
15VDC
35mA
666mA
10mA
254mA
82%
VBD10-D48-D12
36-72VDC
±12VDC
±25mA
±415mA
10mA
254mA
82%
VBD10-D48-D15
36-72VDC
±15VDC
±20mA
±333mA
10mA
254mA
82%
VBD10-D48-D5
36-72VDC
±5VDC
±50mA
±1000mA
10mA
254mA
82%
VBD10-D5-S5
4.7-9VDC
5VDC
0mA
1600mA
15mA
2130mA
75%
VBD10-D5-S12
4.7-9VDC
12VDC
0mA
666mA
15mA
2100mA
76%
VBD10-D5-S15
4.7-9VDC
15VDC
0mA
533mA
15mA
2100mA
76%
VBD10-D5-D12
4.7-9VDC
±12VDC
0mA
±333mA
15mA
2100mA
76%
VBD10-D5-D15
4.7-9VDC
±15VDC
0mA
±266mA
15mA
2100mA
76%
VBD10-D5-D5
4.7-9VDC
±5VDC
0mA
±800mA
15mA
2100mA
76%


Similar Part No. - VBD10

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VBD1 SCHNEIDER-VBD1 Datasheet
144Kb / 3P
TeSys Vario - switch disconnector - 32 A - on door
Jul 12, 2021
VBD1 SCHNEIDER-VBD1 Datasheet
158Kb / 3P
TeSys Vario - switch disconnector - 32 A - on door
Jun 13, 2022
logo
CUI INC
VBD15 CUI-VBD15 Datasheet
109Kb / 3P
DC-DC Converter
VBD15-D12-D12 CUI-VBD15-D12-D12 Datasheet
109Kb / 3P
DC-DC Converter
VBD15-D12-D15 CUI-VBD15-D12-D15 Datasheet
109Kb / 3P
DC-DC Converter
More results

Similar Description - VBD10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
WU100 XPPOWER-WU100 Datasheet
67Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com