Electronic Components Datasheet Search
  English  ▼

X  

VBD20 Datasheet(PDF) 2 Page - CUI INC

Part # VBD20
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBD20 Datasheet(HTML) 2 Page - CUI INC

  VBD20 Datasheet HTML 1Page - CUI INC VBD20 Datasheet HTML 2Page - CUI INC VBD20 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: DC/DC converter
2 of 3
02/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VBD20 series
INPUT
input voltage range
24V
18-36V
48V
36-75V
under voltage lockout
24Vin power up
17V
power down
16V
48Vin power
34V
power down
33V
input filter type
PI type
positive logic remote on/off control:
logic compatibility
CMOS or open collector TTL
module ON
>5.5VDC or open circuit
module OFF
<1.2VDC
GENERAL SPECIFICATIONS
efficiency
see table
isolation voltage
1500VDC min.
isolation resistance
108 ohms min
switching frequency
350KHz, Type
operating temperature range
-40°C to 85°C
EMI/RFI
six sided continuous shield
derating, Above 71°C
linearly to zero power at + 100°C
case temperature
100°C max
storage temperature range
-55°C to +105°C
dimensions
2.0x1.0x0.4 inches
(50.8x25.4x10.2mm)
case material
black coated copper with
non-conductive base
NOTES:
1. Measured from high line to low line
2. Measured from full load to 1/10 load
3. The output noise is measured with 0.1μF ceramic capacitor
4. Suffix “S” to the model number with alternative pin configuration
OUTPUT
voltage accuracy
±1.5% max.
transient response
single 25% step load change
<500μ sec.
ripple & noise
20MHz BW³,
75mV p-p., max
temperature coefficient
±0.03%/°C max
short circuit protection
continuous
line regulation1
single / dual output
±0.2% / ±0.5% max
load regulation2
±1.0% max
over voltage protection
Zener or TVS clamp
external trim adj. range
±10%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com