Electronic Components Datasheet Search
  English  ▼

X  

ST72652C4T1 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST72652C4T1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652C4T1 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST72652C4T1 Datasheet HTML 27Page - STMicroelectronics ST72652C4T1 Datasheet HTML 28Page - STMicroelectronics ST72652C4T1 Datasheet HTML 29Page - STMicroelectronics ST72652C4T1 Datasheet HTML 30Page - STMicroelectronics ST72652C4T1 Datasheet HTML 31Page - STMicroelectronics ST72652C4T1 Datasheet HTML 32Page - STMicroelectronics ST72652C4T1 Datasheet HTML 33Page - STMicroelectronics ST72652C4T1 Datasheet HTML 34Page - STMicroelectronics ST72652C4T1 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 166 page
background image
ST7265x
31/166
RESET SEQUENCE MANAGER (Cont’d)
In stand-alone mode, the 512 CPU clock cycle de-
lay allows the oscillator to stabilize and ensures
that recovery has taken place from the Reset
state.
In USB mode the delay is 256 clock cycles count-
ed from when the PLL LOCK signal goes high.
The RESET vector fetch phase duration is 2 clock
cycles.
Figure 20. Reset Delay in Stand-alone Mode
Figure 21. Reset Delay in USB Mode
Note: For a description of Stand-alone mode and USB mode refer to Section 6.4.
512 x tCPU(STAND-ALONE)
RESET
FETCH VECTOR
DELAY
FETCH VECTOR
256 x tCPU(STAND-ALONE)
256 x tCPU(USB)
PLL Startup
RESET
time (undefined)
DELAY
400 µs typ.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com