Electronic Components Datasheet Search
  English  ▼

X  

2SC5996B Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # 2SC5996B
Description  SMALL-SIGNAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5996B Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  2SC5996B Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5996B Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5996B Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5996B Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5996B
FOR LOW FREQUENCY AMPLIFY APPLICATION
SILICON NPN EPITAXIAL TYPE
〈SMALL-SIGNAL TRANSISTOR〉
COMMON EMITTER TRANSFER
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
BASE TO EMITTER VOLTAGE VBE(V)
Ta=25℃
VCE=2V
DC FORWARD CURRENT GAIN
VS.COLLECTOR CURRENT
10
100
1000
10000
0.1
1
10
100
COLLECTOR CURRENT
IC(mA)
Ta=25℃
VCE=2V
DC REVERSE CURRENT GAIN
VS.COLLECTOR CURRENT
10
100
1000
10000
0.1
1
10
100
EMITTER CURRENT
IE(mA)
Ta=25℃
VEC=2V
COLLECTOR TO EMITTER SATURATION VOLTAGE
VS, COLLECTOR CURRENT
0.1
1
10
100
1000
0.1
1
10
100
1000
COLLECTOR CURRENT
IC(mA)
Ta=25℃
IC/IB=10
ON RESISTANCE VS.BASE CURRENT
0.1
1
10
0.1
1
10
100
BASE CURRENT IB(mA)
Ta=25℃
COMMON EMITTER OUTPUT
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
9
COLLECTOR TO EMITTER VOLTAGE VCE(V)
IB=10μA
20μA
30μA
40μA
50μA
60μA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com