Electronic Components Datasheet Search
  English  ▼

X  

2SC6046 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # 2SC6046
Description  GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC6046 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  2SC6046 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC6046 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC6046 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC6046 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC6046
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
2SC6046 is a silicon NPN epitaxial type transistor designed with
high collector current, low V
CE(sat).
FEATURE
●High collector current
I
C(MAX)=600mA
●Low collector to emitter saturation voltage
V
CE(sat)<0.3Vmax(IC=150mA、IB=15mA)
APPLICATION
For switching application, small type motor drive application.
MAXIMUM RATINGS(Ta.=25℃)
記 号
項
目
定 格 値
単 位
V
CEO
Collector to Emitter voltage
40
V
V
CBO
Collector to Base voltage
75
V
V
EBO
Emitter to Base voltage
6
V
I
C
Collector current
600
mA
P
C
Collector dissipation
200
mW
T
j
Junction temperature
+150
℃
T
stg
Storage temperature
-55∼+150
℃
ELECTRICAL CHARACTERISTICS(Ta.=25℃)
Limits
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
V
(BR)CEO
C to E break down voltage
IC=1mA、IB=0
40
V
V
(BR)CBO
C to B break down voltage
IC=10uA、IE=0
75
V
V
(BR)EBO
E to B break down voltage
IE=10uA、IC=0
6
V
I
CBO
Collector cut off current
VCB=60V、IE=0
100
nA
I
EBO
Emitter cut off current
VEB=3V、IC=0
100
nA
h
FE
DC forward current gain
IC=150mA、VCE=10V
100
300
---
V
CE(sat)
C to E saturation voltage
IC=150mA、IB=15mA
0.3
V
V
BE(sat)
B to E saturation voltage
IC=150mA、IB=15mA
0.6
1.2
V
f
T
Gain band width product
IE=-20mA、VCE=20V、f=100MHz
250
MHz
C
ob
Collector output capacitance
VCB=10V、f=1MHz
8
pF
OUTLINE DRAWING
Unit:mm
0.5
2.5
0.5
1.5
①
②
③
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
EIAJ:SC-59
JEDEC:TO-236
Resemblance
MARKING
B W
・
TypeName


Similar Part No. - 2SC6046

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC6046 ISAHAYA-2SC6046 Datasheet
114Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC6046 ISAHAYA-2SC6046_10 Datasheet
114Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - 2SC6046

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC3440 ISAHAYA-2SC3440 Datasheet
124Kb / 3P
HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3440 ISAHAYA-2SC3440_10 Datasheet
131Kb / 3P
HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3441 ISAHAYA-2SC3441_10 Datasheet
131Kb / 3P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC6046 ISAHAYA-2SC6046_10 Datasheet
114Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
2SC6120 ISAHAYA-2SC6120_10 Datasheet
111Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
INC1001AC1 ISAHAYA-INC1001AC1 Datasheet
115Kb / 2P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC3581AS1 ISAHAYA-ISC3581AS1 Datasheet
157Kb / 3P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC6046AU1 ISAHAYA-ISC6046AU1 Datasheet
132Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC6053AU1 ISAHAYA-ISC6053AU1 Datasheet
197Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
ISC6053AM1 ISAHAYA-ISC6053AM1 Datasheet
157Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com