Electronic Components Datasheet Search
  English  ▼

X  

RMF Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # RMF
Description  Metal Film Resistor Normal & Miniature Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RMF Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  RMF Datasheet HTML 1Page - TAITRON Components Incorporated RMF Datasheet HTML 2Page - TAITRON Components Incorporated RMF Datasheet HTML 3Page - TAITRON Components Incorporated RMF Datasheet HTML 4Page - TAITRON Components Incorporated RMF Datasheet HTML 5Page - TAITRON Components Incorporated RMF Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. B/JJ 20070810
RMF & RMFS SERIES
METAL FILM RESISTOR
NORMAL & MINIATURE STYLE
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-247-2232
(800)-TAITRON
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Metal Film Resistor – Normal & Miniature Style
Features
• Low cost
• Non-inductive design, wide resistance range (0.27Ω to 1MΩ)
• Standard tolerance: ±1% (±0.5%, ±0.25% and ±0.1% available)
• Varied temperatures coefficient: ±15ppm/° C, ±25ppm/° C, ±50ppm/° C, ±100ppm/° C
• RoHs compliant
Mechanical Data
• Full MIL-R-10509 performance
• Bulk and 52mm tape and reel standard; ammo pack, cut and formed, and radial Panasert/Avisert
available upon request
Dimensions (in mm)
Type
L
D
H
d
RMF08C
RMFS25C
3.4±0.3
1.9±0.2
28±2.0
0.5±0.05
RMF25C
RMFS50C
6.3±0.5
2.4±0.2
28±2.0
0.6±0.05
RMF50C
RMFS1W
9.0±0.5
3.3±0.3
26±2.0
0.6±0.05
RMF 1W
RMFS2W
11.5±1.0
4.5±0.5
35±2.0
0.8±0.05
RMF 2W
--
15.5±1.0
5.0±0.5
33±2.0
0.8±0.05


Similar Part No. - RMF

ManufacturerPart #DatasheetDescription
logo
RFE international
RMF RFE-RMF Datasheet
54Kb / 1P
SURFACE MOUNT RESISTORS
2014.10.13
logo
Taiyo Yuden (U.S.A.), I...
RMF-10V331MG10U-R2 TAIYO-YUDEN-RMF-10V331MG10U-R2 Datasheet
250Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMF]
RMF-10V331MG10UQ-R2 TAIYO-YUDEN-RMF-10V331MG10UQ-R2 Datasheet
250Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMF]
RMF-10V471MG10U-R2 TAIYO-YUDEN-RMF-10V471MG10U-R2 Datasheet
250Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMF]
RMF-10V471MG10UQ-R2 TAIYO-YUDEN-RMF-10V471MG10UQ-R2 Datasheet
250Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMF]
More results

Similar Description - RMF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
5043ED4K640F PHILIPS-5043ED4K640F Datasheet
335Kb / 7P
Standard Metal Film resistor
logo
List of Unclassifed Man...
CFR ETC1-CFR Datasheet
52Kb / 2P
Carbon Film Resistors Normal & Miniature Style
MFR ETC1-MFR Datasheet
36Kb / 2P
Metal Film Resistors Normal & Miniature Style
logo
TAITRON Components Inco...
RCF08T20J-52-TR20 TAITRON-RCF08T20J-52-TR20 Datasheet
294Kb / 6P
Carbon Film Resistor Normal & Miniature Style
RMX TAITRON-RMX Datasheet
281Kb / 8P
Metal Oxide Resistor Normal & Miniature Style
logo
List of Unclassifed Man...
CFR-25JT-52 ETC2-CFR-25JT-52 Datasheet
131Kb / 2P
Normal & Miniature Style CFR Series
logo
WALSIN TECHNOLOGY CORPO...
SF25Q WALSIN-SF25Q Datasheet
2Mb / 10P
SMD metal film resistor
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
Metal Film Melf Resistor
8/10/2022
RNS SEI-RNS Datasheet
286Kb / 5P
Ultra Miniature Metal Film Resistor
10/22/2020
logo
RFE international
MGHV25 RFE-MGHV25 Datasheet
603Kb / 3P
METAL GLAZED FILM RESISTOR
2020.08.14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com