Electronic Components Datasheet Search
  English  ▼

X  

RMF08C Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # RMF08C
Description  Metal Film Resistor Normal & Miniature Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RMF08C Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  RMF08C Datasheet HTML 1Page - TAITRON Components Incorporated RMF08C Datasheet HTML 2Page - TAITRON Components Incorporated RMF08C Datasheet HTML 3Page - TAITRON Components Incorporated RMF08C Datasheet HTML 4Page - TAITRON Components Incorporated RMF08C Datasheet HTML 5Page - TAITRON Components Incorporated RMF08C Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev. B/JJ 20070810
RMF&RMFS Series
Metal Film Resistor - Normal & Miniature Style
www.taitroncomponents.com
Page 5 of 6
Tolerance Code
F: ±1%
B: ±0.1%
Factory Location Code
Series Number
RMF: Metal Film Resistor
RMFS: Miniature Metal
Film Resistor
Power Code
08: 1/8W
25: 1/4W
50: 1/2W
1W: 1W
2W: 2W
Resistance Value
Example: 1002=100x100=10KΩ
Packing Code
Temperature Coefficiency
C: ±50ppm/° C
D: ±100ppm/° C
Carton Information
How to order:
RMF 25 C 1002
F - 52 - TR20
Item
Quantity /
Reel(pcs)
Quantity /
Box(pcs)
Quantity /
Carton(pcs)
Carton Size
(
inch)
Approx. Gross
Weight (Kg)
1/8W
5000
5000
50000
24.4’’x12.6’’x19.7’’
25.52
1/4W
5000
5000
50000
24.4’’x12.6’’x19.7’’
34.63
1/2W
2500
2500
25000
24.4’’x12.6’’x19.7’’
29.57
1W
2000
2000
16000
24.4’’x12.6’’x19.7’’
33.22
2W
1000
1000
8000
24.4’’x12.6’’x19.7’’
26.40



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com