Electronic Components Datasheet Search
  English  ▼

X  

RMF25C Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # RMF25C
Description  Metal Film Resistor Normal & Miniature Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RMF25C Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  RMF25C Datasheet HTML 1Page - TAITRON Components Incorporated RMF25C Datasheet HTML 2Page - TAITRON Components Incorporated RMF25C Datasheet HTML 3Page - TAITRON Components Incorporated RMF25C Datasheet HTML 4Page - TAITRON Components Incorporated RMF25C Datasheet HTML 5Page - TAITRON Components Incorporated RMF25C Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev. B/JJ 20070810
RMF&RMFS Series
Metal Film Resistor - Normal & Miniature Style
www.taitroncomponents.com
Page 4 of 6
Packing Information (Unit:mm)
Reel Information in Inch (in mm)
Type
a
A
B1-B2
S
(Spacing)
T
(Max. Deviation of Spacing)
RMF08C
RMFS25C
6±0.5
52.4±1.5
1.2
5
RMF25C
RMFS50C
6±0.5
52.4±1.5
1.2
5
RMF50C
RMFS1W
6±0.5
52.4±1.5
1.2
5
RMF1W
RMFS2W
6±0.5
73.0±1.5
1.2
5
RMF2W
--
6±0.5
73.0±1.5
1.5
10
1mm per 10 spacing,
0.5mm per 5 spacing
D
W
12’’(304.8)
3.35’’(85.1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com