Electronic Components Datasheet Search
  English  ▼

X  

ST92F120JR9T Datasheet(PDF) 223 Page - STMicroelectronics

Part # ST92F120JR9T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9T Datasheet(HTML) 223 Page - STMicroelectronics

Back Button ST92F120JR9T Datasheet HTML 219Page - STMicroelectronics ST92F120JR9T Datasheet HTML 220Page - STMicroelectronics ST92F120JR9T Datasheet HTML 221Page - STMicroelectronics ST92F120JR9T Datasheet HTML 222Page - STMicroelectronics ST92F120JR9T Datasheet HTML 223Page - STMicroelectronics ST92F120JR9T Datasheet HTML 224Page - STMicroelectronics ST92F120JR9T Datasheet HTML 225Page - STMicroelectronics ST92F120JR9T Datasheet HTML 226Page - STMicroelectronics ST92F120JR9T Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 320 page
background image
223/320
I2C BUS INTERFACE
I2C INTERFACE (Cont’d)
The following seven registers are used to handle
the interrupt and the DMA features:
– Interrupt Status Register I2CISR
– Interrupt Mask Register I2CIMR
– Interrupt Vector Register I2CIVR
– Receiver DMA Address Pointer Register
I2CRDAP
– Receiver DMA Transaction Counter Register
I2CRDC
– Transmitter DMA Address Pointer Register
I2CTDAP
– Transmitter DMA transaction Counter Register
I2CTDC
The interface can decode both addresses:
– Software programmable 7-bit General Call
address
–I2C address stored by software in the I2COAR1
register in 7-bit address mode or stored in
I2COAR1 and I2COAR2 registers in 10-bit ad-
dress mode.
After a reset, the interface is disabled.
IMPORTANT:
1. To guarantee correct operation, before enabling
the peripheral (while I2CCR.PE=0), configure bit7
and bit6 of the I2COAR2 register according to the
internal clock INTCLK (for example 11xxxxxxb in
the range 14 - 30 MHz).
2. Bit7 of the I2CCR register must be cleared.
10.7.3.1 Mode Selection
InI2C mode, the interface can operate in the four
following modes:
– Master transmitter/receiver
– Slave transmitter/receiver
By default, it operates in slave mode.
This interface automatically switches from slave to
master after a start condition is generated on the
bus and from master to slave in case of arbitration
loss or stop condition generation.
In Master mode, it initiates a data transfer and
generates the clock signal. A serial data transfer
always begins with a start condition and ends with
a stop condition. Both start and stop conditions are
generated in master mode by software.
In Slave mode, it is able to recognize its own ad-
dress (7 or 10-bit), as stored in the I2COAR1 and
I2COAR2 registers and (when the I2CCR.ENGC
bit is set) the General Call address (stored in
I2CADR register). It never recognizes the Start
Byte (address byte 01h) whatever its own address
is.
Data and addresses are transferred in 8 bits, MSB
first. The first byte(s) following the start condition
contain the address (one byte in 7-bit mode, two
bytes in 10-bit mode). The address is always
transmitted in master mode.
A 9th clock pulse follows the 8 clock cycles of a
byte transfer, during which the receiver must send
an
acknowledge
bit
to
the
transmitter.
Acknowledge is enabled and disabled by software.
Refer to Figure 106.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com