Electronic Components Datasheet Search
  English  ▼

X  

RS3G Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # RS3G
Description  3.0A Surface Mount Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RS3G Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  RS3G Datasheet HTML 1Page - TAITRON Components Incorporated RS3G Datasheet HTML 2Page - TAITRON Components Incorporated RS3G Datasheet HTML 3Page - TAITRON Components Incorporated RS3G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
RS3A – RS3M
SURFACE MOUNT
FAST RECOVERY RECTIFIER
3.0A Surface Mount Fast Recovery Rectifier
Features
• Fast switching for high efficiency
• For surface mounted applications
• High temperature soldering: 250°C/10 seconds at terminals
• Plastic package has UL Flammability
Classification 94V-0
• RoHS Compliance
Mechanical Data
Case:
SMC molded plastic body over passivated chip
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode band
Mounting Position:
Any
Weight:
0.21 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless otherwise noted)
Symbol
Description
RS3A
RS3B
RS3D
RS3G
RS3J
RS3K
RS3M
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC blocking
voltage
50
100
200
400
600
800
1000
V
IF(AV)
Average Forward
Rectified Current
3.0
A
TL=90°C
IFSM
Peak Forward Surge
Current
100.0
A
VF
Max. Forward Voltage
1.3
V
IF(AV)=3.0A
10.0
uA
TA = 25°C
IR
Reverse Current
@ VR = VRRM
350
uA
TA = 125°C
Trr
Max. Reverse
Recovery Time
150
250
500
ns
IF = 0.5A, IR = 1.0A,
Irr = 0.25A.
RthJA
RthJL
Typical Thermal
Resistance
50.0
15.0
°C / W
Note 1
CJ
Typical Junction
Capacitance
60.0
pF
F=1MHz ,
VR= 4V
SMC


Similar Part No. - RS3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3G SSE-RS3G Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3G DIODES-RS3G Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Fuji Electric
RS3G FUJI-RS3G Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
General Semiconductor
RS3G GE-RS3G Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Taiwan Semiconductor Co...
RS3G TSC-RS3G Datasheet
54Kb / 2P
3.0 AMPS. Fast Recovery Surface Mount Rectifiers
More results

Similar Description - RS3G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR3A WTE-FR3A Datasheet
46Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A_1 Datasheet
400Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 8 - 2
logo
Daya Electric Group Co....
RS3A DAYA-RS3A Datasheet
52Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A_10 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 11 - 2
RS3G-13 DIODES-RS3G-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
RS3MB-13 DIODES-RS3MB-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
logo
SUNMATE electronic Co.,...
RS3A SUNMATE-RS3A Datasheet
165Kb / 2P
3.0A Surface Mount Fast Recovery Rectifier
logo
Diodes Incorporated
RS3AB DIODES-RS3AB_15 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
logo
Shenzhen Yixinwei Techn...
RS3AB YIXIN-RS3AB Datasheet
143Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com