Electronic Components Datasheet Search
  English  ▼

X  

S5M Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # S5M
Description  5.0A Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

S5M Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  S5M Datasheet HTML 1Page - TAITRON Components Incorporated S5M Datasheet HTML 2Page - TAITRON Components Incorporated S5M Datasheet HTML 3Page - TAITRON Components Incorporated S5M Datasheet HTML 4Page - TAITRON Components Incorporated S5M Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/AH 2008-05-20
S5A –S5M
5.0A Surface Mount Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
5.0A Surface Mount Rectifier
Features
• Low profile surface mounted package
• Ideal for automated placement
• Glass passivated chip junction
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High temperature soldering: 250 °C / 10 seconds at terminals
• RoHS compliant
Mechanical Data
Case:
JEDEC DO-214AB (SMC) molded plastic
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
0.007 ounce, 0.21 gram
Maximum Ratings (T
Ambient=25ºC unless noted)
Symbol
Description
S5A
S5B
S5D
S5G
S5J
S5K
S5M
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average
Forward Rectified Current
5.0
A
TL=75°C
IFSM
Peak Forward Surge
Current
100
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
TJ,
TSTG
Operating Junction and
Storage Temperature
Range
-55 to 150
° C
DO-214AB
(SMC)


Similar Part No. - S5M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5M MCC-S5M Datasheet
345Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Semikron International
S5M SEMIKRON-S5M Datasheet
113Kb / 2P
Standard silicon rectifier diodes
logo
Won-Top Electronics
S5M WTE-S5M Datasheet
51Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S5M TSC-S5M Datasheet
53Kb / 2P
5.0 AMPS. Surface Mount Rectifiers
logo
Diotec Semiconductor
S5M DIOTEC-S5M Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
More results

Similar Description - S5M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S5AC DIODES-S5AC_10 Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 9 - 2
B540C-13 DIODES-B540C-13 Datasheet
167Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 15
S5GC-13 DIODES-S5GC-13 Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 9
S5GC-13-F DIODES-S5GC-13-F Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 9
S5DC-13 DIODES-S5DC-13 Datasheet
111Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 9
B520C-13 DIODES-B520C-13 Datasheet
293Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
MBRS540 SUNMATE-MBRS540 Datasheet
234Kb / 3P
5.0A Surface Mount Schottky Power Rectifier
SK52 SUNMATE-SK52 Datasheet
101Kb / 2P
5.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
S5AC DIODES-S5AC_15 Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 9
B520CQ DIODES-B520CQ Datasheet
431Kb / 5P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
January 2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com