Electronic Components Datasheet Search
  English  ▼

X  

TMA Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # TMA
Description  Axial Ceramic Monolithic Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TMA Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  TMA Datasheet HTML 1Page - TAITRON Components Incorporated TMA Datasheet HTML 2Page - TAITRON Components Incorporated TMA Datasheet HTML 3Page - TAITRON Components Incorporated TMA Datasheet HTML 4Page - TAITRON Components Incorporated TMA Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. A/AJ 2008-03-13
TMA Series
Axial Ceramic Monolithic Capacitor
www.taitroncomponents.com
Page 4 of 5
Tolerance Code
J: ±5%
K: ±10%
M: ±20%
Factory Location Code
Series Number
TMA: Taitron Axial Ceramic
Monolithic Capacitor
Size Code (LxDxd)
S: 3.5x2.54x0.5 (mm)
M: 5.0x3.0x0.5 (mm)
Capacitance Value
Example:
100=10x10
0pF=10pF
Rated Voltage
50: 50VDC
Temperature Coefficiency
NPO: NPO
X7R: X7R
Packing Code
TR30: Tape & Reel in 13’’ with RoHS
AR:
Ammo Pack with RoHS
BL:
Bulk Pack with RoHS
How to order:
TMA S 100 K 50 NPO - xx - TR30
Packing
Size Code
QTY
S
7,500 pcs/Reel
Tape & Reel
M
5,000 pcs/Reel
S
5,000 pcs/Box
Tape & Ammo
M
5,000 pcs/Box



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com