Electronic Components Datasheet Search
  English  ▼

X  

VRB3-DIP Datasheet(PDF) 1 Page - CUI INC

Part # VRB3-DIP
Description  Dc-Dc Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VRB3-DIP Datasheet(HTML) 1 Page - CUI INC

  VRB3-DIP Datasheet HTML 1Page - CUI INC VRB3-DIP Datasheet HTML 2Page - CUI INC VRB3-DIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Rev. 12-2006
1/ 3
VRB3-DIP Series Dc-Dc Converter
Features
·Wide (2:1) input range
·Isolated & regulated 3W output
·Efficiency up to 83%
·Single voltage output
·DIP package style
·Industry standard pinout
·metal case
·No heatsink required
·1K Vdc isolation
·MTBF >1,000,000 hours
·Temperature range: -40°C~+85°C
·RoHS Compliant
Model
Input Voltage
Output
Output Current
Package
Number
Nominal
Range
Max.
Voltage
Max.
Min.
Efficiency
Style
VRB3-D5-S5-DIP
5 Vdc
4.5~9 Vdc
11 Vdc
5 Vdc
600 mA
60 mA
70%
DIP
VRB3-D5-S9-DIP
5 Vdc
4.5~9 Vdc
11 Vdc
9 Vdc
330 mA
33 mA
72%
DIP
VRB3-D5-S12-DIP
5 Vdc
4.5~9 Vdc
11 Vdc
12 Vdc
250 mA
25 mA
73%
DIP
VRB3-D5-S15-DIP
5 Vdc
4.5~9 Vdc
11 Vdc
15 Vdc
200 mA
20 mA
75%
DIP
VRB3-D12-S5-DIP
12 Vdc
9~18 Vdc
22 Vdc
5 Vdc
600 mA
60 mA
70%
DIP
VRB3-D12-S9-DIP
12 Vdc
9~18 Vdc
22 Vdc
9 Vdc
330 mA
33 mA
75%
DIP
VRB3-D12-S12-DIP
12 Vdc
9~18 Vdc
22 Vdc
12 Vdc
250 mA
25 mA
76%
DIP
VRB3-D12-S15-DIP
12 Vdc
9~18 Vdc
22 Vdc
15 Vdc
200 mA
20 mA
78%
DIP
VRB3-D24-S5-DIP
24 Vdc
18~36 Vdc
40 Vdc
5 Vdc
600 mA
60 mA
70%
DIP
VRB3-D24-S9-DIP
24 Vdc
18~36 Vdc
40 Vdc
9 Vdc
330 mA
33 mA
75%
DIP
VRB3-D24-S12-DIP
24 Vdc
18~36 Vdc
40 Vdc
12 Vdc
250 mA
25 mA
81%
DIP
VRB3-D24-S15-DIP
24 Vdc
18~36 Vdc
40 Vdc
15 Vdc
200 mA
20 mA
81%
DIP
VRB3-D48-S5-DIP
48 Vdc
36~72 Vdc
80 Vdc
5 Vdc
600 mA
60 mA
78%
DIP
VRB3-D48-S9-DIP
48 Vdc
36~72 Vdc
80 Vdc
9 Vdc
330 mA
33 mA
82%
DIP
VRB3-D48-S12-DIP
48 Vdc
36~72 Vdc
80 Vdc
12 Vdc
250 mA
25 mA
82%
DIP
VRB3-D48-S15-DIP
48 Vdc
36~72 Vdc
80 Vdc
15 Vdc
200 mA
20 mA
83%
DIP
General Specifications
Output short circuit protection
continuous
Temperature rise at full load
30°C typ.
Cooling
Free air convection
No-load power consumption
100 mW (typ.)
Operating temperature range
-40°C to +85°C
Storage temperature range
-55°C to +125°C
Soldering temperature
300°C max.
Storage humidity range
<95%
Case material
Metal
MTBF
>1,000,000 hrs.
Isolation Specifications
Item
Test Conditions
Min.
Typ.
Max.
Isolation Voltage
Flash tested for 1 min. 1500 Vdc
Isolation Resistance
Test at 500 Vdc
1000 M
Ω


Similar Part No. - VRB3-DIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VRB3-D12-S12-DIP CUI-VRB3-D12-S12-DIP Datasheet
307Kb / 5P
DC-DC CONVERTER
VRB3-D12-S15-DIP CUI-VRB3-D12-S15-DIP Datasheet
307Kb / 5P
DC-DC CONVERTER
VRB3-D12-S5-DIP CUI-VRB3-D12-S5-DIP Datasheet
307Kb / 5P
DC-DC CONVERTER
VRB3-D12-S9-DIP CUI-VRB3-D12-S9-DIP Datasheet
307Kb / 5P
DC-DC CONVERTER
VRB3-D24-S12-DIP CUI-VRB3-D24-S12-DIP Datasheet
307Kb / 5P
DC-DC CONVERTER
More results

Similar Description - VRB3-DIP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
VWRBS2-SIP CUI-VWRBS2-SIP Datasheet
109Kb / 3P
dc/dc converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com