Electronic Components Datasheet Search
  English  ▼

X  

ST95P04 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST95P04
Description  SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95P04 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST95P04 Datasheet HTML 7Page - STMicroelectronics ST95P04 Datasheet HTML 8Page - STMicroelectronics ST95P04 Datasheet HTML 9Page - STMicroelectronics ST95P04 Datasheet HTML 10Page - STMicroelectronics ST95P04 Datasheet HTML 11Page - STMicroelectronics ST95P04 Datasheet HTML 12Page - STMicroelectronics ST95P04 Datasheet HTML 13Page - STMicroelectronics ST95P04 Datasheet HTML 14Page - STMicroelectronics ST95P04 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
C
D
S
2
1
3456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23
INSTRUCTION
BYTE ADDRESS
0
7
65432
0
1
DATA BYTE 1
C
D
AI01069
S
7
26
25
27 28 29 30 31
6
3210
24
7
65432
1
DATA BYTE 16
5
4
0
DATA BYTE N
7
6
3210
5
4
DATA BYTE 2
7
A
Figure 11. Page Write Operation Sequence
C
D
S
2
1
3456789 10 11 12 13 14 15
INSTRUCTION
0
AI01433
Q
7
6543210
STATUS REG. OUT
HIGH IMPEDANCE
MSB
Figure 12. RDSR: Read Status Register Sequence
11/16
ST95P04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com