Electronic Components Datasheet Search
  English  ▼

X  

STA014B Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA014B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA014B Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA014B Datasheet HTML 27Page - STMicroelectronics STA014B Datasheet HTML 28Page - STMicroelectronics STA014B Datasheet HTML 29Page - STMicroelectronics STA014B Datasheet HTML 30Page - STMicroelectronics STA014B Datasheet HTML 31Page - STMicroelectronics STA014B Datasheet HTML 32Page - STMicroelectronics STA014B Datasheet HTML 33Page - STMicroelectronics STA014B Datasheet HTML 34Page - STMicroelectronics STA014B Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
ANCILLARY DATA BUFFER
Address: 0x7E - 0xB5 (126 - 181)
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
The STA014 contains 56 consecutive 8-bit regis-
ters corresponding to the maximum number of
ancillary data that may be contained in MPEG
frame.
The ANCCOUNT_L and ANCOUNT_H registers
contain the number of ancillary data bits available
within the current MPEG frame.
To perform ancillary data reading a status regis-
ter (0xB6 - INTERRUPT_STATUS_REGISTER)
is available: bit 0 of this register should be polled
by the microcontroller in order to understand
when new data are available.
0x7E
ANC_DATA_1
----
---------
----
---------
----
---------
----
---------
0xB5
ANC_DATA_56
0xB6
ISR
ISR
Address: 0xB6 (182)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XX
XXXXX
0
1
X = don’t care;
0 = no ancillary data
1 = Ancillary Data Available
The ISR is used by the microcontroller to under-
stand when a new ancillary data block is avail-
able. After all ancillary data has been retrieved
this bit must be cleared.
ADPCM_CONFIG
Address: 0xB8 (184)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
X
AA1 AA0 ASM_EN AFM_EN
This register controls ADPCM engine and how
data must be compressed.
AFM_EN
ADPCM Frame Mode Enable
0 =
no frames (raw format)
1 =
select the framed output format for
ADPCM encoded data
ASM_EN: ADPCM Stereo Mode Enable
0 =
Disable stereo mode
1 =
Enable stereo mode
AA0,AA1:
ADPCM Algorithm selection
The ADPCM encoding/decoding algorithm
can be selected according to the following
table:
AA1
AA0
0
0
DVI algorithm
0
1
G723-24 algorithm (24kbp/s)
1
0
G721 algorithm (32kbp/s)
1
1
G723-40 algorithm (40kbp/s)
The above bitrates refers to an 8 KHz 16 bits
mono input stream
GPSO_ENABLE
Address: 0xB9 (185)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XXXXXXX
GEN
This register enable/disable the GPSO interface.
Setting the GEN bit will enable the serial interface
for ADPCM data retrieving. Reset GEN bit to dis-
able GPSO interface.
STA014-STA014B-STA014T
31/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com