Electronic Components Datasheet Search
  English  ▼

X  

RT1450B6 Datasheet(PDF) 2 Page - CTS Corporation

Part # RT1450B6
Description  Configuration Selector Guide
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT1450B6 Datasheet(HTML) 2 Page - CTS Corporation

  RT1450B6 Datasheet HTML 1Page - CTS Corporation RT1450B6 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Configuration Selector Guide
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 2
October 07
www.ctsclearone.com
Configuration Selector Guide
Mechanical Outline
Recommended Land Pattern
Environmental Performance
Tape and Reel Packaging
(Bulk Packaging Not Available)
K
P (Pitch)
L
W
H
P (Pitch)
A1 Identifier
RT____B_
CTS YRWK
D
1.27 mm Pitch Package (B6 suffix)
mm
inch
P
1.27±0.25
.050±.010
D
0.76±0.05
.030±.002
K
0.64±0.25
.025±.010
H
1.32±0.15
.052±.006
Array
Size
L
W
mm
3.81±0.15
3.81±0.15
3 x 3
inch
.150±.006
.150±.006
mm
5.08±0.15
3.81±0.15
3 x 4
inch
.200±.006
.150±.006
mm
7.62±0.15
3.81±0.15
3 x 6
inch
.300±.006
.150±.006
mm
10.16±0.15
3.81±0.15
3 x 8
inch
.400±.006
.150±.006
mm
11.43±0.15
3.81±0.15
3 x 9
inch
.450±.006
.150±.006
mm
15.24±0.15
3.81±0.15
3 x 12
inch
.600±.006
.150±.006
mm
11.43±0.15
5.08±0.15
4 x 9
inch
.450±.006
.200±.006
1.00 mm Pitch Package (B7 suffix)
mm
inch
P
1.00±0.25
.039±.010
D
0.64±0.05
.025±.002
K
0.50±0.25
.020±.010
H
1.19±0.15
.047±.006
Array
Size
L
W
mm
4.00±0.15
3.00±0.15
3 x 4
inch
.157±.006
.118±.006
mm
8.00±0.15
3.00±0.15
3 x 8
inch
.315±.006
.118±.006
mm
9.00±0.15
3.00±0.15
3 x 9
inch
.354±.006
.118±.006
mm
12.00±0.15
3.00±0.15
3 x 12
inch
.472±.006
.118±.006
mm
8.00±0.15
4.00±0.15
4 x 8
inch
.315±.006
.157±.006
mm
9.00±0.15
4.00±0.15
4 x 9
inch
.354±.006
.157±.006
mm
16.00±0.15
4.00±0.15
4 x 16
inch
.630±.006
.157±.006
Operating Temperature : -55°C to +125°C
1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum)
1.27mm pitch (B6) = 0.64mm/.025 inch (minimum)
Outline of Substrate
PCB Pad Diameter
For .006" Thick Solder Paste Stencil, Aperture Opening Should
be Equal to the PCB Pad Diameter.
Refer to www.ctscorp.com/resistor for Land Pattern Library
Test Name
Max.
Delta R
Mil Std.
202
Method
Test
Cond.
Test
Description
Thermal Cycle
(Resistors)
0.50%
107
B
5 cycles, -65°C to +125°C
Short Time Overload
0.50%
2.5 times rated voltage, 5 sec, (50V
max)
Moisture Resistance
0.50%
106
240 hours, 0.1 x rated load, -10°C to
+65°C, 90% RH
Load Humidity
1.00%
1,000 hours, 0.1 x rated load, 70°C,
85-92% RH
High Temp. Exposure
1.00%
240 hours, no load @125°C
Load Life
1.00%
108
F
2,000 hours @ 70°C, 100% rated load
Resistance to solder
Heat
0.25%
Per IPC/JEDEC J-STD-020C
Mechanical Shock
0.25%
213
I
100G, 1 msec., 3 shocks each plane
Low Temp. Storage
0.25%
24 hours @ -65°C, no load
Low Temp. Operation
0.25%
24 hours @ -65°C, full load
Flammability
UL 94V0
Resistance to
Solvents
215
J
Suffix
TR7
TR13
Tape Width
24 mm
24mm
Carrier Pitch
8 mm
8 mm
Reel Diameter
7 inch
13 inch
Parts/Reel
1,000
4,000
Part Number Coding
7 inch reel, Add TR7 to part number, example RT2415B7TR7
13 inch reel, Add TR13 to part number, example RT2415B7TR13
Direction of Feed
Solder Mask Dia =
Pad Diameter +.15mm
(.006 inch)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com