Electronic Components Datasheet Search
  English  ▼

X  

VSNS5 Datasheet(PDF) 1 Page - CUI INC

Part # VSNS5
Description  Point of Load Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSNS5 Datasheet(HTML) 1 Page - CUI INC

  VSNS5 Datasheet HTML 1Page - CUI INC VSNS5 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
•
VSNS5 Series Point of Load Converter
Features
·Delivers 5A of output current
· High Efficiency
·Low output ripple and noise
·Small size and low profile
·Cost-efficient open frame design
·Single-in-line (SIP) & SMT package
·Remote ON/OFF (active low)
·Trimmable output voltage via external
resistor
·Output overcurrent protection
·Over temperature protection
·Wide operating temperature -40°C~85°C
·Non-isolated
Model
Input
Output
Output
Max.
Ripple & Noise
MTBF
Efficiency
Number
Voltage
Voltage
Current
Power
max
typ.
VSNS5-5-1R0
3.0-5.5V
1.0V
5A
5.0W
30mVp-p
1.5x106hrs
82%
VSNS5-5-1R5
3.0-5.5V
1.5V
5A
7.5W
30mVp-p
1.5x106hrs
87%
VSNS5-5-1R8
3.0-5.5V
1.8V
5A
9.0W
30mVp-p
1.5x106hrs
88%
VSNS5-5-2R0
3.0-5.5V
2.0V
5A
10.0W
30mVp-p
1.5x106hrs
90%
VSNS5-5-2R5
3.0-5.5V
2.5V
5A
12.0W
30mVp-p
1.5x106hrs
92%
VSNS5-5-3R3
4.5-5.5V
3.3V
5A
16.5W
30mVp-p
1.5x106hrs
94%
VSNS5-12-1R0
10-14V
1.0V
5A
5.0W
50mVp-p
1.5x106hrs
81%
VSNS5-12-1R5
10-14V
1.5V
5A
7.5W
50mVp-p
1.5x106hrs
84%
VSNS5-12-1R8
10-14V
1.8V
5A
9.0W
50mVp-p
1.5x106hrs
85%
VSNS5-12-2R5
10-14V
2.5V
5A
12.0W
50mVp-p
1.5x106hrs
87%
VSNS5-12-3R3
10-14V
3.3V
5A
16.5W
50mVp-p
1.5x106hrs
89%
VSNS5-12-5R0
10-14V
5.0V
5A
25.0W
50mVp-p
1.5x106hrs
92%
Notes:
1. Typical at Ta+ +25°C under nominal line voltage and full load conditions, unless other wise noted. All models are tested and spec-
ified with external input and output capacitors. (Cin=100uFx2 Cout=10uF), These capacitors are necessary to accommodate out
test equipment.
2. Ripple and Noise are tested/specified over a 20MHz bandwidth and may be reduced with external filtering.
3. This device has no minimum load requirement and will regulate under no-load conditions. The regulation part of the specifica-
tion describes the output voltage deviation as the line voltage or load is varied from its minimum value to either extreme .


Similar Part No. - VSNS5

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSNS10 CUI-VSNS10 Datasheet
73Kb / 2P
Point of Load Converter
VSNS10-12-1R0 CUI-VSNS10-12-1R0 Datasheet
73Kb / 2P
Point of Load Converter
VSNS10-12-1R5 CUI-VSNS10-12-1R5 Datasheet
73Kb / 2P
Point of Load Converter
VSNS10-12-1R8 CUI-VSNS10-12-1R8 Datasheet
73Kb / 2P
Point of Load Converter
VSNS10-12-2R5 CUI-VSNS10-12-2R5 Datasheet
73Kb / 2P
Point of Load Converter
More results

Similar Description - VSNS5

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL5A-5-SMT CUI-VPOL5A-5-SMT Datasheet
270Kb / 11P
point of load converter
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
point of load converter
VPOL10A-12W-SMT CUI-VPOL10A-12W-SMT Datasheet
656Kb / 14P
point of load converter
VPOL15A-5-SIP CUI-VPOL15A-5-SIP Datasheet
268Kb / 12P
point of load converter
VPOL15A-5-SMT CUI-VPOL15A-5-SMT Datasheet
256Kb / 11P
point of load converter
VPOL16A-12-SMT CUI-VPOL16A-12-SMT Datasheet
267Kb / 12P
point of load converter
VPOL20A-12W-SIP CUI-VPOL20A-12W-SIP Datasheet
685Kb / 14P
point of load converter
VPOL5A-12-SMT CUI-VPOL5A-12-SMT_V01 Datasheet
2Mb / 11P
POINT OF LOAD CONVERTER
11/02/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP_V01 Datasheet
2Mb / 11P
POINT OF LOAD CONVERTER
10/14/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com