Electronic Components Datasheet Search
  English  ▼

X  

VWRBS2-SIP Datasheet(PDF) 3 Page - CUI INC

Part # VWRBS2-SIP
Description  dc/dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRBS2-SIP Datasheet(HTML) 3 Page - CUI INC

  VWRBS2-SIP Datasheet HTML 1Page - CUI INC VWRBS2-SIP Datasheet HTML 2Page - CUI INC VWRBS2-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
rev.
page
date
DESCRIPTION: dc/dc converter
3 of 3
01/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VWRBS2 series
Remote on/off control (see figure 1)
ON: When control pin (CTRL pin 3) open or Ic
< 0.5mA, converter will have normal output.
OFF: With a 3-10mA input current (Ic) to pin 3, output will be disabled. Under no conditions
should input current (Ic) exceed 20mA. The Value of R in Figure 1 can be derived as follows:
R= Vc - Vd - 0.65V
Vc= Voltage at control input
Ic
Vd= Diode (D1) voltage drop (.7V voltage drop typical )
Ic= Input Current (5mA recommended disable current)
example 1 : Logic circuit — Apply 5V TTL logic signal on Vc to disable output
R=
5V -0.7V -0.65V
= 730
Ω
Choose 720
Ω resistor
.005A
example 2 : Short Vin to Vc — Apply 12V on Vc to disable output
R=
12V - 0.7V - 0.65V
= 2130
Ω
Choose 2K
Ω resistor
.005A
-
Application Notes:
- All of the VWRBS2-SIP Series have been tested
according to the following recommended testing
circuit before leaving the factory. This series should
be tested under load(Figure 1). If you want to further
decrease the input/output ripple, you can increase
capacitance properly or choose capacitors with
low ESR. However, the capacitance should not be too
high(Table 2).
- NC Terminals
Unless otherwise specified, NC terminals of all series
are used for converter's interior circuit
connection, and are not allowed connection of any
external circuit.;
Operating Temp.(
)
C
Temperature Derating Graph
- Input current
Nominal input voltage range. The input
current of the power supply must be sufficient
to the startup current (Ip) of the DC/DC module
(Figure 2)
Input Voltage (V)
Input Voltage
Range
Ip
- Output Load
In order to ensure the product operates
efficiently and reliably, make sure the specified range
of input voltage is not exceeded.
No parallel connection or plug and play.
External Capacitor Table
Single
Vout(VDC)
Cout(uF)
Dual
Vout(VDC)
Cout(uF)
3.3
2200
-
-
5
1000
±560
9
±9
±470
12
±12
±330
15
±15
±270
24
-
-
±5
820
680
560
470
Table 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com