Electronic Components Datasheet Search
  English  ▼

X  

MES12 Datasheet(PDF) 1 Page - CUI INC

Part # MES12
Description  incremental encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MES12 Datasheet(HTML) 1 Page - CUI INC

  MES12 Datasheet HTML 1Page - CUI INC MES12 Datasheet HTML 2Page - CUI INC MES12 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
DESCRIPTION: incremental encoder
1 of 3
08/08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: MES12
ELECTRICAL SPECIFICATIONS
output waveform
Square wave
output signals
A, B, Z phase
current consumption
≤40 mA
frequency response
0~100 KHz
output phase difference
A, B phase difference 90° ± 45° (T/4±T/8)
Z phase T±T/2 (see output waveform)
supply voltage
5 V dc ± 10%
output resolution (ppr)
100, 200, 256, 300, 360, 500, 600, 900,
1000, 1500, 1800, 2000, 2048
waveform rise/fall time
2
µ or less (output cable 1m or less)
MECHANICAL SPECIFICATIONS
max shaft load, radial:
1.9N (200gf)
0.98N (100gf) (1500-2048 ppr)
axial:
1.9N (200gf)
0.98N (100gf) (1500-2048 ppr)
starting torque
1 x 103 NM (10 gf·cm)
max rotational speed
6000 RPM
shock resistance
500m/s2 (50G) 3 times each on XYZ
vibration proof
55 Hz, double amplitude 1.5mm, 2 hours each on XYZ
weight
40 g (with 1m cable)
cable
3mm Outside diameter 5-core vinyl wire,
insulated shield cable (length 1m)
ENVIRONMENTAL SPECIFICATIONS
operating temp
-10° to +70° C
storage temp
-20° to +80° C
humidity
RH 35%~90% non collecting
ORDERING INSTRUCTIONS
MES12 - XXXXPX
Output Circuit:
" " = Voltage output
C = Open collector output
Resolution (PPR):
100 = 100 PPR
600 = 600 PPR
200 = 200 PPR
900 = 900 PPR
256 = 256 PPR 1000 = 1000 PPR
300 = 300 PPR 1500 = 1500 PPR
360 = 360 PPR 1800 = 1800 PPR
500 = 500 PPR 2000 = 2000 PPR
2048 = 2048 PPR


Similar Part No. - MES12

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
MES12 ALPHAWIRE-MES12 Datasheet
381Kb / 2P
RoHS-Compliant Commencing With 1/1/2017 Production
logo
List of Unclassifed Man...
MES1206 ETC1-MES1206 Datasheet
243Kb / 5P
DC-to-DC Converter Modules
More results

Similar Description - MES12

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES9 CUI-MES9 Datasheet
61Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16_10 Datasheet
226Kb / 3P
Incremental Encoder
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com