Electronic Components Datasheet Search
  English  ▼

X  

PTK10 Datasheet(PDF) 1 Page - CUI INC

Part # PTK10
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PTK10 Datasheet(HTML) 1 Page - CUI INC

  PTK10 Datasheet HTML 1Page - CUI INC PTK10 Datasheet HTML 2Page - CUI INC PTK10 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: PTK10 series
features
·industry standard pin out
·wide 4:1 input range
·fully isolated
·over-current protection
·over-voltage protection
·six-sided EMI shielding
·constant switching frequency
·high efficiency
·compact size 2.0”x1.0”x0.4”
·3 year warranty
model 1
output
input
output
output
ripple & noise 2
efficiency
number
power
voltage
voltage
current
mV P-P
(typ.)
(max)
(max)
PTK10-Q24-S3
7.92W
10-36VDC
3.3VDC
2.4A
75
79%
PTK10-Q24-S5
10.0W
10-36VDC
5VDC
2.0A
75
82%
PTK10-Q24-S12
10.8W
10-36VDC
12VDC
0.9A
120
83%
PTK10-Q24-S15
10.5W
10-36VDC
15VDC
0.7A
150
84%
PTK10-Q24-D5
10.0W
10-36VDC
±5VDC
1.0A/1.0A
100/100
80%
PTK10-Q24-D5A
10.0W
10-36VDC
±5VDC
1.5A/0.5A
100/100
78%
PTK10-Q24-D12
10.8W
10-36VDC
±12VDC
0.45A
120/120
83%
PTK10-Q24-D15
10.5W
10-36VDC
±15VDC
0.35A
150/150
83%
PTK10-Q48-S3
7.92W
20-72VDC
3.3VDC
2.4A
75
78%
PTK10-Q48-S5
10.0W
20-72VDC
5VDC
2.0A
75
81%
PTK10-Q48-S12
10.8W
20-72VDC
12VDC
0.9A
120
84%
PTK10-Q48-S15
10.5W
20-72VDC
15VDC
0.7A
150
85%
PTK10-Q48-D5
10.0W
20-72VDC
±5VDC
1.0A/1.0A
100/100
81%
PTK10-Q48-D5A
10.0W
20-72VDC
±5VDC
1.5A/0.5A
100/100
81%
PTK10-Q48-D12
10.8W
20-72VDC
±12VDC
0.45A
120/120
83%
PTK10-Q48-D15
10.5W
20-72VDC
±15VDC
0.35A
150/150
83%
NOTE: 1. All models are also available in an extended temperature range of -40°C~85°C. For these models,
append “M” to the model number, e.g. PTK10-Q48-S5M.
2. Ripple & noise measured with a 20MHz bandwidth, off a 10uF electrolytic and a 0.1uF ceramic cap in parallel at the
ouptut.
DERATING CURVES


Similar Part No. - PTK10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PTK1009 ETC-PTK1009 Datasheet
317Kb / 15P
MinFlexiNeck Mag light
PTK1015 ETC-PTK1015 Datasheet
317Kb / 15P
MinFlexiNeck Mag light
PTK1015 ETC-PTK1015 Datasheet
211Kb / 1P
Craft & Model Tool Set (15 piece)
More results

Similar Description - PTK10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com