Electronic Components Datasheet Search
  English  ▼

X  

PTK25 Datasheet(PDF) 2 Page - CUI INC

Part # PTK25
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PTK25 Datasheet(HTML) 2 Page - CUI INC

  PTK25 Datasheet HTML 1Page - CUI INC PTK25 Datasheet HTML 2Page - CUI INC PTK25 Datasheet HTML 3Page - CUI INC PTK25 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
PTK25 Screw Terminal Series DC-DC Converter
2 / 4
REV. 06-2007
General
Parameter
Continuous/Description
Min
Nom
Max
Units
Efficiency
Typical at full load
77%
83%
Dielectric withstand
Input/case, input/output, output/case
500
VAC
Insulation resistance
at 500 VDC
100M
Ohms
Agency standards
Approved to UL60950, CSA C22.2 No. 60950, TUV EN60950
Case material
Zn
Material flammability
94 V-0
Weight
80
grams
(2.82)
(ounces)
MTBF
MIL-HDBK-217F
450k
hours
Operating temperature Regular models - see derating curve.
-20
+71
°C
Extended temperature models
-40
+85
°C
Storage temperature
-40
+105
°C
Humidity
Operating(non-condensing)
5%
95%
RH
Protection
Parameter
Conditions/Description
Min
Nom
Max
Units
Over-current
Continuous auto recovery 4
105%
135%
Over-voltage
Internally zener clamped 4
110%
140%
Note: 4 Continuous operation in a protected state may compromise long-term reliability.
Output
Parameter
Conditions/Description
Min
Nom
Max
Units
Output trim range
With external trim resistors
-5%
+5%
Set point accuracy
Single output
-2%
+2%
Dual output
-3%
+3%
Line regulation
Single output models
-0.25%
+0.25%
(Low line to high line)
Dual output models
-2.5%
+2.5%
Triple: main output (Vout)
-0.25%
+0.25%
auxillary outputs (+Vaux / -Vaux)
-5%
+5%
Load regulation
Single output models - no load to full load
-0.25%
+0.25%
Dual output models - balanced loads
-2.5%
+2.5%
Triple: main output (Vout)
-0.25%
+0.25%
auxillary outputs(+Vaux / -Vaux) - with 10% load
-5%
+5%
on Vout and balanced loads on +Vaux and -Vaux
Minimum load
Converters will not be damaged if loading conditions are less than minimum specified loads,
but regulation specs may not be met
Ripple and noise
See chart
Input
Parameter
Conditions/Description
Min
Nom
Max
Units
Input voltage range
18
24
36
VDC
36
48
72
VDC
Remote on/off control
Output turn-on 3
2.5V
(open)
5.5V
Output turn-off
0V
(short)
0.8V
Switching frequency
Constant
300
KHz
Note: 3 Output defaults to “on” when there is no connection to the “CNT” pin.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com