Electronic Components Datasheet Search
  English  ▼

X  

VBWQ10 Datasheet(PDF) 1 Page - CUI INC

Part # VBWQ10
Description  DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBWQ10 Datasheet(HTML) 1 Page - CUI INC

  VBWQ10 Datasheet HTML 1Page - CUI INC VBWQ10 Datasheet HTML 2Page - CUI INC VBWQ10 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/ 3
Rev. 06-2006
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
VBWQ10 Series DC-DC Converters
Features
·10W Isolated Output
·Efficiency to 82%
·4:1 Input Range
·Continuous Short Circuit Protection
·Pi Input Filter
·Meets EN55022 Class A, Conducted
Model
Input
Output
Output
Input Current
Number
Voltage
Voltage
Current
No Load
Full Load
Efficiency
VBWQ10-Q24-S5
9-36VDC
5VDC
2000mA
15mA
534mA
78%
VBWQ10-Q24-S12
9-36VDC
12VDC
830mA
15mA
520mA
80%
VBWQ10-Q24-S15
9-36VDC
15VDC
666mA
15mA
520mA
80%
VBWQ10-Q24-D12
9-36VDC
±12VDC
±415mA
20mA
520mA
80%
VBWQ10-Q24-D15
9-36VDC
±15VDC
±333mA
20mA
520mA
80%
VBWQ10-Q24-D5
9-36VDC
±5VDC
±1000mA
20mA
520mA
80%
VBWQ10-Q24-S3R3
9-36VDC
3.3VDC
2000mA
15mA
362mA
76%
VBWQ10-Q48-S5
18-72VDC
5VDC
2000mA
10mA
260mA
80%
VBWQ10-Q48-S12
18-72VDC
12VDC
830mA
10mA
257mA
81%
VBWQ10-Q48-S15
18-72VDC
15VDC
666mA
10mA
257mA
81%
VBWQ10-Q48-D12
18-72VDC
±12VDC
±415mA
15mA
257mA
81%
VBWQ10-Q48-D15
18-72VDC
±15VDC
±333mA
15mA
253mA
82%
VBWQ10-Q48-D5
18-72VDC
±5VDC
±1000mA
15mA
253mA
82%
VBWQ10-Q48-S3R3
18-72VDC
3.3VDC
2000mA
10mA
181mA
76%


Similar Description - VBWQ10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
WU100 XPPOWER-WU100 Datasheet
67Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com