Electronic Components Datasheet Search
  English  ▼

X  

VD-60A Datasheet(PDF) 1 Page - CUI INC

Part # VD-60A
Description  Metal Enclosed Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VD-60A Datasheet(HTML) 1 Page - CUI INC

  VD-60A Datasheet HTML 1Page - CUI INC VD-60A Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
•
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
VD-60A Metal Enclosed Switching Power Supply
CH1
CH2
DC output voltage
5V
12V
Output V. tolerance
±2%
±6%
Output rated current
4A
3A
Output current range
0.3-6A
0.2-4A
Ripple & noise
75mVp-p
150mVp-p
Line regulation
±0.5%
±1.0%
Load regulation
±0.5%
±4.0%
DC output power
56W
Efficiency
73%
DC voltage adj.
CH1:4.75-5.5V
Input voltage range
85~264VAC; 120~370VDC
AC current
2A/115V 1A/230V
Inrush current
cold start 30A/115V 60A/230V
Leakage current
<3.5mA/240VAC
Overload protection
105%~150%
type: Hiccup mode, recovers automatically after fault condition is removed
Temperature coefficient
±0.03% / ºC (0~50ºC) ON +5V output
Set up, rise, hold up time
300ms, 50ms, 80ms/230VAC
800ms, 50ms, 10ms/115VAC
Vibration
10~500Hz, 2G 10 min./1 cycle, period of 60 min. each axes
Withstand voltage
I/P-O/P: 3KVAC, I/P-FG: 1.5KVAC, O/P-FG: 0.5KVAC, for 1 min.
Isolation resistance
I/P-O/P, I/P-FG, O/P-FG:500VDC / 100M Ohms min.
Working temp., humidity
-10°C~+60% (refer to output derating curve), 20%-90% RH
Storage temp., humidity
-20°C~+85°C, 10%-95% RH
Dimensions
6.26x3.82x1.50inches
(159x97x38mm)
Weight
1.21 lb. (0.55Kgs)
Safety standards
UL1012, UL60950, TUV EN60950
EMC standards
EN61000-3-2, -3, Class A
Notes:
1. All parameters are specified at 230VAC input, rated load, 25°C 70% ambient
2. Tolerance includes set up tolerance, line regulation, load regulation
3. Ripple & noise are measured at 20MHz by using a 12” twisted pair terminated with a 0.1uF & 47 uF capacitor
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise cus-
tomers to verify the most up-to-date product information before placing orders. V-Infinity assumes no liability or responsibility for cus-
tomer ’s applications using V-Infinity products other than repair or replacing (at V-I’s option) V-Infinity products not meeting V-I’s pub-
lished specifications. Nothing will be covered outside of standard product warranty.
Features
·Universal AC input - full range
·Short-circuit, over-voltage and overload protection
·Cooling by free air convection
·LED indicator for power on
·Fixed switching frequency at 54KHz
·2 year warranty


Similar Part No. - VD-60A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VD-60B CUI-VD-60B Datasheet
114Kb / 2P
Metal Enclosed Switching Power Supply
More results

Similar Description - VD-60A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VS-25-12 CUI-VS-25-12 Datasheet
82Kb / 2P
Metal Enclosed Switching Power Supply
VS-25-15 CUI-VS-25-15 Datasheet
82Kb / 2P
Metal Enclosed Switching Power Supply
VS-25-24 CUI-VS-25-24 Datasheet
82Kb / 2P
Metal Enclosed Switching Power Supply
VS-60-5 CUI-VS-60-5 Datasheet
111Kb / 2P
Metal Enclosed Switching Power Supply
VS-60-15 CUI-VS-60-15 Datasheet
111Kb / 2P
Metal Enclosed Switching Power Supply
VS-60-24 CUI-VS-60-24 Datasheet
111Kb / 2P
Metal Enclosed Switching Power Supply
VS-150-15 CUI-VS-150-15 Datasheet
91Kb / 2P
Metal Enclosed Switching Power Supply
VAD-55A CUI-VAD-55A Datasheet
115Kb / 2P
Metal Enclosed Switching Power Supply
VAD-55B CUI-VAD-55B Datasheet
115Kb / 2P
Metal Enclosed Switching Power Supply
VADD-55B CUI-VADD-55B Datasheet
101Kb / 2P
Metal Enclosed Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com