Electronic Components Datasheet Search
  English  ▼

X  

VEQ15 Datasheet(PDF) 1 Page - CUI INC

Part # VEQ15
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VEQ15 Datasheet(HTML) 1 Page - CUI INC

  VEQ15 Datasheet HTML 1Page - CUI INC VEQ15 Datasheet HTML 2Page - CUI INC VEQ15 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VEQ15 series
features
·15W isolated output
·4:1 input range
·six-sided shield
·efficiency to 82%
·200KHz switching frequency
·remote on/off control
model
input
output
output
input current
number
voltage
voltage
current
no load
full load
efficiency
VEQ15-Q24-S5
9-36VDC
5VDC
3000mA
15mA
810mA
77%
VEQ15-Q24-S12
9-36VDC
12VDC
1250mA
15mA
780mA
80%
VEQ15-Q24-S15
9-36VDC
15VDC
1000mA
15mA
780mA
80%
VEQ15-Q24-D12
9-36VDC
±12VDC
±625mA
20mA
780mA
80%
VEQ15-Q24-D15
9-36VDC
±15VDC
±500mA
20mA
780mA
80%
VEQ15-Q24-T512
9-36VDC
5/±12VDC
1500/±310mA
20mA
780mA
80%
VEQ15-Q24-T515
9-36VDC
5/±15VDC
1500/±250mA
20mA
780mA
80%
VEQ15-Q24-T5125
9-36VDC
+5/+12/-5VDC
1500/310/500mA
20mA
715mA
80%
VEQ15-Q48-S5
18-72VDC
5VDC
3000mA
10mA
410mA
77%
VEQ15-Q48-S12
18-72VDC
12VDC
1250mA
10mA
390mA
80%
VEQ15-Q48-S15
18-72VDC
15VDC
1000mA
10mA
390mA
80%
VEQ15-Q48-D12
18-72VDC
±12VDC
±625mA
15mA
380mA
82%
VEQ15-Q48-D15
18-72VDC
±15VDC
±500mA
15mA
380mA
82%
VEQ15-Q48-T512
18-72VDC
5/±12VDC
1500/±310mA
15mA
380mA
82%
VEQ15-Q48-T515
18-72VDC
5/±15VDC
1500/±250mA
15mA
380mA
82%
VEQ15-Q48-T5125
18-72VDC
+5/+12/-5VDC
1500/310/500mA
15mA
350mA
82%


Similar Part No. - VEQ15

ManufacturerPart #DatasheetDescription
logo
CUI INC
VEQ30 CUI-VEQ30 Datasheet
247Kb / 3P
DC/DC converter
VEQ30-Q24-D12 CUI-VEQ30-Q24-D12 Datasheet
247Kb / 3P
DC/DC converter
VEQ30-Q24-D15 CUI-VEQ30-Q24-D15 Datasheet
247Kb / 3P
DC/DC converter
VEQ30-Q24-S12 CUI-VEQ30-Q24-S12 Datasheet
247Kb / 3P
DC/DC converter
VEQ30-Q24-S15 CUI-VEQ30-Q24-S15 Datasheet
247Kb / 3P
DC/DC converter
More results

Similar Description - VEQ15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com