Electronic Components Datasheet Search
  English  ▼

X  

VEQ30 Datasheet(PDF) 2 Page - CUI INC

Part # VEQ30
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VEQ30 Datasheet(HTML) 2 Page - CUI INC

  VEQ30 Datasheet HTML 1Page - CUI INC VEQ30 Datasheet HTML 2Page - CUI INC VEQ30 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: DC/DC converter
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VEQ30 series
NOTES:
1. Measured from high line to low line
2. Measured from full load to 1/4 load
3. Max. total power from all outputs is limited to 30 watts but no
output should be allowed to exceed its max.current
4. Min. current on each output is required to maintain specified
regulation
INPUT
input voltage range
24V:
9-36V
48V:
18-72V
input filter
PI type
OUTPUT
voltage accuracy
single
output
±1.0% max.
dual
+output
±1.0% max.
-output
±3.0% max.
triple 3, 4 5V
±1.0% max.
12V/15V
±5.0% max.
-5V
±2.0% max.
voltage balance (dual)
±1.0% max.
transient response: single output: 25% step load change
<500
µS
dual output: dualFL-1/2L ± 1% error band
<500
µS
external trim adj. range
±10%
ripple & noise
(20MHz BW)
10mVrms, max
75mVpp, max
temperature coefficient
±0.02%/°C
short circuit protection
continuous
line regulation1
single/dual
±0.2% max
triple
±1.0% max
load regulation2
single/dual
±1.0% max
triple
±5.0% max
GENERAL SPECIFICATIONS
efficiency
see table
isolation voltage
500VDC min.
isolation resistance
109Ohm min.
switching frequency
200KHz. Typical
operating temperature range
-25°C to +71°C
case temperature
100°C max
cooling
free air convection
storage temperature range
-55°C to +105°C
EMI/RFI
six-sided continuous shield
dimensions
2.56x3.0x0.83 inches
(65x76.2x21.1mm)
case material
black coated copper with non-conductive base



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com