Electronic Components Datasheet Search
  English  ▼

X  

VFB200 Datasheet(PDF) 2 Page - CUI INC

Part # VFB200
Description  full brick dc-dc converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFB200 Datasheet(HTML) 2 Page - CUI INC

  VFB200 Datasheet HTML 1Page - CUI INC VFB200 Datasheet HTML 2Page - CUI INC VFB200 Datasheet HTML 3Page - CUI INC VFB200 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
page
date
DESCRIPTION: full brick dc-dc converter
2 of 4
1/11/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VFB200
INPUT
parameter
conditions/description
min
nom
max
units
input voltage
36
48
75
V dc
under voltage lockout
48 Vin power up
48 Vin power down
32.5 V
positive logic remote On/Off3 and 4
input filter
PI Type
OUTPUT
parameter
conditions/description
min
nom
max
units
voltage accuracy
±1%
transient response
25% Step Load Change
500
μ/sec.
External Trim Adj. Range
±10%
Ripple & Noise
20MHz BW 2.5V 3.3V 5V, 100mV pk-pk, max.
40
mV RMS
20MHz BW 12V & 15V, 150mV pk-pk, max.
60
mV RMS
20MHz BW 24V & 48V, 240mV/480mV pk-pk, max.
100
mV RMS
Temperature Coefficient
±0.03
%/°C
Short Circuit Protection
Continuous
Line Regulation1
±0.2
%
Load Regulation2
±0.2
%
Over Voltage Protection Trip Range, % Vo nom
115
140
%
Current Limit
Nominal Output
110
150
%
GENERAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
efficiency
see table
isolation voltage
input/output
1500
V dc
input/case
1500
V dc
output/case
1500
V dc
isolation resistance
107
Ω
switching frequency
300
KHz
operating case temperature
-40
100
°C
storage temperature
40
105
°C
thermal shutdown, case temp
100
°C
dimensions
4.6 x 2.4 x 0.5 inches (116.8 x 61.0 x 12.7mm)
case material
aluminum baseplate with plastic case
notes:
1. measured from high line to low line
2. measured from full load to zero load
3. logic compatibility: open collector ref to-input
module ON: open circuit
module OFF: <0.8 V dc
4. suffix “N” to the model number with negative logic remote ON/OFF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com