Electronic Components Datasheet Search
  English  ▼

X  

VFM05 Datasheet(PDF) 1 Page - CUI INC

Part # VFM05
Description  open frame AC/DC power supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFM05 Datasheet(HTML) 1 Page - CUI INC

  VFM05 Datasheet HTML 1Page - CUI INC VFM05 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: open frame AC/DC power supply
1 of 2
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VFM05 series
features
·universal input: 85~264VAC
·efficiency at 77% typical
·meets UL/cUL, TUV, CE
·conductive EMI meets
CISPR/FCC, Class B
·single output
model
output
output current
ripple1
voltage
line
load
number
voltage
min.
rated
max.
(mVp-p)
accuracy
reg.2
reg.3
VFM05-S033
3.3 V
0 A
1.25 A
50 mV
±1%
±0.5%
±1%
VFM05-S050
5.0 V
0 A
1.0 A
50 mV
±1%
±0.5%
±1%
VMF05-S090
9.0 V
0 A
0.55 A
90 mV
±1%
±0.5%
±1%
VFM05-S120
12 V
0 A
0.42 A
120 mV
±1%
±0.5%
±1%
VFM05-S180
18 V
0 A
0.28 A
180 mV
±1%
±0.5%
±1%
VFM05-S150
15 V
0 A
0.33 A
150 mV
±1%
±0.5%
±1%
VFM05-S240
24 V
0 A
0.23 A
240 mV
±1%
±0.5%
±1%
INPUT
voltage
85-264 Vac
frequency
47 to 63 Hz
inrush current
40 A max. @ 264 Vac
isolation
input to output = 4,242VDC
leakage current
0.25mA max.
OUTPUT
hold up time
8mS typ. @ 115VAC
short circuit protection
continuous
temperature coefficient
±0.05% / °C
GENERAL & SAFETY
operating temperature
0° - 70°C (see derating curve)
storage temperature
-20° - +85°C
approvals
UL60950, TUV, CE
emmisions
CISPR/FCC Class B
MECHANICAL OUTLINE
dimensions
2.17x1.38x0.83(max) inches
(55x35x21mm3)
NOTES:
1. add a 0.1µF ceramic capacitor and a 10µF E.L. capacitor to output for ripple and noise measuring @20MHz BW.
2. line regulation is measured from 100VAC to 240VAC with full load.
3. load regulation is measured from 60% to 100% full load and from 60% to 20% full load (60% ±40% full load).


Similar Part No. - VFM05

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
DC POWER LINE FILTER
VFM-03 CUI-VFM-03 Datasheet
811Kb / 5P
DC POWER LINE FILTER
01/25/2022
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
DC POWER LINE FILTER
01/25/2022
VFM-10A CUI-VFM-10A Datasheet
633Kb / 7P
DC EMI FILTER
VFM-10A CUI-VFM-10A Datasheet
3Mb / 9P
DC EMI FILTER
01/17/2022
More results

Similar Description - VFM05

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM10 CUI-VFM10 Datasheet
821Kb / 3P
open frame AC/DC power supply
VFM40 CUI-VFM40 Datasheet
212Kb / 3P
open frame AC/DC power supply
VFM100 CUI-VFM100 Datasheet
410Kb / 3P
open frame ac-dc power supply
logo
Wall Industries,Inc.
PSSBU58 WALL-PSSBU58 Datasheet
94Kb / 2P
AC/DC Open Frame Power Supply
logo
Delta Electronics, Inc.
MDS-250A DELTA-MDS-250A Datasheet
668Kb / 13P
Medical AC-DC Open Frame Power Supply
MDS-400APB24-AA DELTA-MDS-400APB24-AA Datasheet
592Kb / 12P
Medical AC-DC Open Frame Power Supply
MDS-300APB18AA DELTA-MDS-300APB18AA Datasheet
870Kb / 12P
Medical AC-DC Open Frame Power Supply
MDS-400APB12AA DELTA-MDS-400APB12AA Datasheet
962Kb / 12P
Medical AC-DC Open Frame Power Supply
MDS-300APB12AA DELTA-MDS-300APB12AA Datasheet
849Kb / 11P
Medical AC-DC Open Frame Power Supply
MDS-300APB24AA DELTA-MDS-300APB24AA Datasheet
747Kb / 12P
Medical AC-DC Open Frame Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com