Electronic Components Datasheet Search
  English  ▼

X  

VFM100 Datasheet(PDF) 1 Page - CUI INC

Part # VFM100
Description  open frame ac-dc power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFM100 Datasheet(HTML) 1 Page - CUI INC

  VFM100 Datasheet HTML 1Page - CUI INC VFM100 Datasheet HTML 2Page - CUI INC VFM100 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: open frame ac-dc power supply
1 of 3
06/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VFM100 series
features
·
universal input: 90~264VAC
·efficiency at 85% typical
·conductive EMI meets
CISPR/FCC, class B/EN61204-3 class B
·power factor correction
·single output
NOTES:
1. add a 0.1μF ceramic capacitor and a 10μF E.L. capacitor to output for ripple and noise measuring @20MHz BW.
2. line regulation is measured from 100VAC to 240VAC with full load.
3. load regulation is measured from 60% to 100% full load and from 60% to 20% full load (60% ±40% full load).
model
output
max.
min.
ripple &
voltage
line
load
number
voltage
load
load
noise1
accuracy
regulation2
regulation3
VFM100-S5
5V
20A
0A
2%
±1%
±0.5%
±1%
VFM100-S9
9V
11.2A
0A
1%
±1%
±0.5%
±1%
VFM100-S12
12V
8.4A
0A
1%
±1%
±0.5%
±1%
VFM100-S15
15V
6.7A
0A
1%
±1%
±0.5%
±1%
VFM100-S18
18V
5.6A
0A
1%
±1%
±0.5%
±1%
VFM100-S24
24V
4.2A
0A
1%
±1%
±0.5%
±1%
VFM100-S48
48V
2.1A
0A
1%
±1%
±0.5%
±1%
INPUT
voltage
90-264VAC
frequency
47 to 63Hz
inrush current
50A max. @ 264VAC
OUTPUT
hold up time
20mS typ. @ 115VAC
short circuit protection
continuous
over voltage protection
auto recovery
ENVIRONMENTAL CHARACTERISTICS
operating temperature
0°C-40°C
storage temperature
-20°C-85°C
MECHANICAL OUTLINE
dimensions
5x3x1.34 inches (127x76.2x34 mm)
GENERAL and SAFETY
isolation voltage (HI-POT)
input to output
4242 V dc for 1 minute
safety approvals
approved to UL 60950 E210311, TUV, CE
EMI standard
conducted emissions comply with CISPR22, FCC class B
leakage current
3.5mA max.
RoHS
yes
E210311


Similar Part No. - VFM100

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VFM1004A CTS-VFM1004A Datasheet
139Kb / 1P
UMTS PICOCELL FRONT END MODULE
More results

Similar Description - VFM100

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM05 CUI-VFM05 Datasheet
128Kb / 2P
open frame AC/DC power supply
VFM10 CUI-VFM10 Datasheet
821Kb / 3P
open frame AC/DC power supply
VFM40 CUI-VFM40 Datasheet
212Kb / 3P
open frame AC/DC power supply
logo
Wall Industries,Inc.
PSSBU58 WALL-PSSBU58 Datasheet
94Kb / 2P
AC/DC Open Frame Power Supply
logo
Delta Electronics, Inc.
MDS-250A DELTA-MDS-250A Datasheet
668Kb / 13P
Medical AC-DC Open Frame Power Supply
MDS-400APB24-AA DELTA-MDS-400APB24-AA Datasheet
592Kb / 12P
Medical AC-DC Open Frame Power Supply
MDS-300APB18AA DELTA-MDS-300APB18AA Datasheet
870Kb / 12P
Medical AC-DC Open Frame Power Supply
MDS-400APB12AA DELTA-MDS-400APB12AA Datasheet
962Kb / 12P
Medical AC-DC Open Frame Power Supply
MDS-300APB12AA DELTA-MDS-300APB12AA Datasheet
849Kb / 11P
Medical AC-DC Open Frame Power Supply
MDS-300APB24AA DELTA-MDS-300APB24AA Datasheet
747Kb / 12P
Medical AC-DC Open Frame Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com