Electronic Components Datasheet Search
  English  ▼

X  

STB11NB40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB11NB40
Description  N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11NB40 Datasheet(HTML) 1 Page - STMicroelectronics

  STB11NB40 Datasheet HTML 1Page - STMicroelectronics STB11NB40 Datasheet HTML 2Page - STMicroelectronics STB11NB40 Datasheet HTML 3Page - STMicroelectronics STB11NB40 Datasheet HTML 4Page - STMicroelectronics STB11NB40 Datasheet HTML 5Page - STMicroelectronics STB11NB40 Datasheet HTML 6Page - STMicroelectronics STB11NB40 Datasheet HTML 7Page - STMicroelectronics STB11NB40 Datasheet HTML 8Page - STMicroelectronics STB11NB40 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STB11NB40
N - CHANNEL ENHANCEMENT MODE
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.48
s
EXTREMELY HIGH dV/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
process,
SGS-Thomson
has
designed
an
advanced
family
of
power
MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
INTERNAL SCHEMATIC DIAGRAM
March 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VDS
Drain-source Volt age (VGS =0)
400
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
400
V
VGS
Gat e-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
o C10.7
A
ID
Drain Current (continuous) at Tc =100
oC6.7
A
IDM(
•)
Drain Current (pulsed)
42.8
A
Ptot
Tot al Dissipation at Tc =25
oC125
W
Derating F act or
1.0
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
4.5
V/ ns
Tstg
Storage T emperat ure
-65 to 150
oC
Tj
Max. O perating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
(1)ISD
≤ 11A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STB11NB40
400 V
< 0.55
10.7 A
1 2
3
1
3
I
2PAK
TO-262
(suffix ”-1”)
D
2PAK
TO-263
(suffix ”T4”)
1/9


Similar Part No. - STB11NB40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB11NB40 STMICROELECTRONICS-STB11NB40 Datasheet
245Kb / 11P
N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
14-Apr-2004
logo
VBsemi Electronics Co.,...
STB11NB40 VBSEMI-STB11NB40 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STB11NB40-1 STMICROELECTRONICS-STB11NB40-1 Datasheet
245Kb / 11P
N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
14-Apr-2004
STB11NB40T4 STMICROELECTRONICS-STB11NB40T4 Datasheet
245Kb / 11P
N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
14-Apr-2004
More results

Similar Description - STB11NB40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB19NB20 STMICROELECTRONICS-STB19NB20 Datasheet
85Kb / 8P
N - CHANNEL ENHANCEMENT MODE PowerMESH] MOSFET
Jun-1998
STB7NB40 STMICROELECTRONICS-STB7NB40 Datasheet
61Kb / 6P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
291Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STP10NB20 STMICROELECTRONICS-STP10NB20 Datasheet
122Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Nov-1997
STP12NB30 STMICROELECTRONICS-STP12NB30 Datasheet
56Kb / 6P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
STP5NB40 STMICROELECTRONICS-STP5NB40 Datasheet
71Kb / 7P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STP7NB40 STMICROELECTRONICS-STP7NB40 Datasheet
73Kb / 4P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
STP7NB60 STMICROELECTRONICS-STP7NB60 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STU13NB60 STMICROELECTRONICS-STU13NB60 Datasheet
61Kb / 6P
N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STU36NB20 STMICROELECTRONICS-STU36NB20 Datasheet
57Kb / 6P
N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com