Electronic Components Datasheet Search
  English  ▼

X  

MIC44F19 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC44F19
Description  6A High Speed MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC44F19 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC44F19 Datasheet HTML 5Page - Micrel Semiconductor MIC44F19 Datasheet HTML 6Page - Micrel Semiconductor MIC44F19 Datasheet HTML 7Page - Micrel Semiconductor MIC44F19 Datasheet HTML 8Page - Micrel Semiconductor MIC44F19 Datasheet HTML 9Page - Micrel Semiconductor MIC44F19 Datasheet HTML 10Page - Micrel Semiconductor MIC44F19 Datasheet HTML 11Page - Micrel Semiconductor MIC44F19 Datasheet HTML 12Page - Micrel Semiconductor MIC44F19 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Micrel, Inc.
MIC44F18/19/20
January 2007
11
M9999-011207
FET
G
G
ON
ON
DRIVER
drive
R
R
R
R
P
Pdiss
_
+
+
=
Supply Current Power Dissipation
Power is dissipated in the MIC44F18 even if is there is
nothing being driven. The supply current is drawn by the
bias for the internal circuitry, the level shifting circuitry and
shoot-through current in the output drivers. The supply
current is proportional to operating frequency and the VDD
voltage. The typical characteristic graphs show how supply
current varies with switching frequency and supply voltage.
The power dissipated by the MIC44F18 due to supply
current is
DD
DD
SUPPLY
I
V
Pdiss
×
=
Total Power Dissipation and Thermal Considerations
Total power dissipation in the Driver equals the power
dissipation caused by driving the external MOSFETs plus
the supply current.
DRIVE
SUPPLY
TOTAL
Pdiss
Pdiss
Pdiss
+
=
The die temperature may be calculated once the total
power dissipation is known.
JA
TOTAL
A
J
Pdiss
T
T
θ
×
+
=
Where
TA is the Maximum ambient temperature
TJ is the junction temperature (°C)
PdissTOTAL is the power dissipation of the Driver
θJC is the thermal resistance from junction-to-
ambient air (°C/W)
The following graphs help determine the maximum
gate
charge that can be driven with respect to
switching frequency, supply voltage and ambient
temperature.
Figure 6A shows the power dissipation in the driver for
different values of gate charge with VDD=5V. Figure 6B
shows the power dissipation at VDD=12V. Figure 6C
show the maximum power dissipation for a given
ambient temperature for the MLF and ePad packages.
The maximum operating frequency of the driver may
be limited by the maximum power dissipation of the
driver package.
Figure 6A. Driver Power Dissipation
Figure 6B. Driver Power Dissipation
Figure 6C. Max. Driver Power Dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com