Electronic Components Datasheet Search
  English  ▼

X  

MIC44F18YML Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC44F18YML
Description  6A High Speed MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC44F18YML Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC44F18YML Datasheet HTML 5Page - Micrel Semiconductor MIC44F18YML Datasheet HTML 6Page - Micrel Semiconductor MIC44F18YML Datasheet HTML 7Page - Micrel Semiconductor MIC44F18YML Datasheet HTML 8Page - Micrel Semiconductor MIC44F18YML Datasheet HTML 9Page - Micrel Semiconductor MIC44F18YML Datasheet HTML 10Page - Micrel Semiconductor MIC44F18YML Datasheet HTML 11Page - Micrel Semiconductor MIC44F18YML Datasheet HTML 12Page - Micrel Semiconductor MIC44F18YML Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Micrel, Inc.
MIC44F18/19/20
January 2007
12
M9999-011207
Propagation Delay and Delay Matching and Other
Timing Considerations
Fast propagation delay between the input and output drive
waveform is desirable. It improves overcurrent protection
by decreasing the response time between the control
signal
and
the
MOSFET
gate
drive.
Minimizing
propagation delay also minimizes phase shift errors in
power supplies with wide bandwidth control loops.
Care must be taken to insure the input signal pulse width
is greater than the minimum specified pulse width. An
input signal that is less than the minimum pulse width may
result in no output pulse or an output pulse whose width is
significantly less than the input.
Decoupling and Bootstrap Capacitor Selection
Decoupling capacitors are required for proper operation by
supplying the charge necessary to drive the external
MOSFETs as well as minimizing the voltage ripple on the
supply pins.
Ceramic capacitors are recommended because of their
low impedance and small size. Z5U type ceramic capacitor
dielectrics are not recommended due to the large change
in capacitance over temperature and voltage. A minimum
value of 0.1µf is required for each of the capacitors,
regardless of the MOSFETs being driven. Larger
MOSFETs may require larger capacitance values for
proper operation. The voltage rating of the capacitors
depends upon the supply voltage, ambient temperature
and the voltage derating used for reliability.
Placement of the decoupling capacitors is critical. The
bypass capacitor for VDD should be placed as close as
possible between the VDD and VSS pins. The etch
connections must be short, wide and direct. The use of a
ground plane to minimize connection impedance is
recommended. Refer to the section on layout and
component placement for more information.
Grounding, Component Placement and Circuit Layout
Nanosecond switching speeds and ampere peak currents
in and around the MOSFET driver requires proper
placement and trace routing of all components. Improper
placement may cause degraded noise immunity, false
switching and excessive ringing.
Figure 7 shows the critical current paths when the driver
outputs go high and turn on the external MOSFETs. It also
helps demonstrate the need for a low impedance ground
plane. Charge needed to turn-on the MOSFET gates
comes from the decoupling capacitors CVDD. Current in the
gate driver flows from CVDD through the internal driver, into
the MOSFET gate and out the source. The return
connection back to the decoupling capacitor is made
through the ground plane. Any inductance or resistance in
the ground return path causes a voltage spike or ringing to
appear on the source of the MOSFET. This voltage works
against the gate drive voltage and can either slow down or
turn off the MOSFET during the period when it should be
turned on.
IN
Figure 7. Critical Current Paths for High Driver
Outputs
Figure 8 shows the critical current paths when the driver
outputs go low and turn off the external MOSFETs. Short,
low impedance connections are important during turn-off
for the same reasons given in the turn-on explanation.
Current from the VDD supply replenishes charge in the
decoupling capacitor, CVdd.
IN
Figure 8. Critical Current Paths for High Driver
Outputs
The following circuit guidelines should be adhered to for
optimum circuit performance:
1. The VCC bypass capacitor must be placed close to
the VDD and ground pins. It is critical that the etch
length between the decoupling capacitor and the
VDD & GND pins be minimized to reduce pin
inductance.
2. A ground plane is recommended to minimize
parasitic inductance and impedance of the return
paths. The MIC44F18 family of drivers is capable
of high peak currents and very fast transition
times. Any impedance between the driver, the
decoupling capacitors and the external MOSFET
will degrade the performance of the circuit.
3. Trace out the high di/dt and dv/dt paths, as shown
in Figures 7 and 8 and minimize etch length and
loop area for these connections. Minimizing these
parameters decreases the parasitic inductance
and the radiated EMI generated by fast rise and
fall times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com