Electronic Components Datasheet Search
  English  ▼

X  

MIC1810 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC1810
Description  Microprocessor Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1810 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC1810 Datasheet HTML 1Page - Micrel Semiconductor MIC1810 Datasheet HTML 2Page - Micrel Semiconductor MIC1810 Datasheet HTML 3Page - Micrel Semiconductor MIC1810 Datasheet HTML 4Page - Micrel Semiconductor MIC1810 Datasheet HTML 5Page - Micrel Semiconductor MIC1810 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
July 2005
3
MIC1810
MIC1810
Micrel
Absolute Maximum Ratings(Note 1)
Terminal Voltage (VCC)....................................–0.3V to +6V
Input Current (VCC)..................................................... 20mA
Output Current, /RESET............................................. 20mA
Rate of Rise (VCC).................................................. 100V/µs
Lead Temperature (soldering, 10 sec.)...................... 300°C
Storage Temperature (TS) .......................... –65°C to 150°C
ESD Rating,
Note 3....................................................... 3kV
Operating Ratings(Note 2)
Operating Temperature Range
MIC1810-5U ........................................... –40°C to +85°C
MIC1810-10U ......................................... –40°C to +85°C
MIC1810-15U ......................................... –40°C to +85°C
Power Dissipation (TA = +70°C) ..............................320mW
Electrical Characteristics
For typical values VCC = 5V, TA = 25°C; bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
Operating Voltage Range
TA = –40°C to +85°C
1
5.5
V
ICC
Supply Current
5
20
µA
VTH
Reset Voltage Threshold
MIC1810-5
4.50
4.62
4.75
V
MIC1810-10
4.25
4.37
4.50
V
MIC1810-15
4.00
4.12
4.24
V
tRST
Reset Timeout Period
100
150
250
ms
VOH
/RESET Output Voltage, High
ISOURCE = 800µA
VCC–1.5
V
VOL
/RESET Output Voltage, Low
VCC = VTH min., ISINK = 10mA
0.4
V
VCC ≥ 1V, ISINK = 50µA
0.3
V
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Timing Diagram
/RESET
VCC
tRST
tRST
VTH
VTH
Reset Timing Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com