Electronic Components Datasheet Search
  English  ▼

X  

MIC1815 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC1815
Description  Microprocessor Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1815 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC1815 Datasheet HTML 1Page - Micrel Semiconductor MIC1815 Datasheet HTML 2Page - Micrel Semiconductor MIC1815 Datasheet HTML 3Page - Micrel Semiconductor MIC1815 Datasheet HTML 4Page - Micrel Semiconductor MIC1815 Datasheet HTML 5Page - Micrel Semiconductor MIC1815 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
July 2005
5
MIC1815
MIC1815
Micrel
Applications Information
Microprocessor Reset
The /RESET pin is asserted whenever VCC falls below the
reset threshold voltage. The reset pin remains asserted for a
period of tRST after VCC has risen above the reset threshold
voltage. The reset function ensures the microprocessor is
properly reset and powers up into a known condition after
a power failure. /RESET will remain valid with VCC as low
as 1V.
VCC Transients
The MIC1815 is relatively immune to negative-going VCC
glitches below the reset threshold.Typically, a negative-going
transient 125mV below the reset threshold with a duration of
20µs or less will not cause an unwanted reset.
/RESET Valid at Low Voltage
A resistor can be added from the /RESET pin-to-ground to
ensure the /RESET output remains low with VCC down to
0V. A 100kΩ resistor connected from /RESET-to-ground is
recommended. The resistor should be large enough not to
load the /RESET output and small enough to pull-down any
stray leakage currents. See Figure below.
VCC
RESET
µP
RESET
VCC
MIC1815
VCC
100K
/RESET Valid to VCC = 0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com